Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEN05BNA Datasheet(PDF) 3 Page - TEMEX

Part # QEN05BNA
Description  SMD 5x3.2 XO
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEN05BNA Datasheet(HTML) 3 Page - TEMEX

  QEN05BNA Datasheet HTML 1Page - TEMEX QEN05BNA Datasheet HTML 2Page - TEMEX QEN05BNA Datasheet HTML 3Page - TEMEX QEN05BNA Datasheet HTML 4Page - TEMEX QEN05BNA Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
QEN05
SMD 5x3.2 XO – Communications Equipment Application
Specification (rev-C)
December 15
th, 2005
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
• Mechanical Characteristics
SUGGESTED PAD
Pin connections
#1
Tri state
#2
Ground
#3
Output
#4
+Vcc
Tri state function
Pin #1
Output (Pin #3)
Open
Active
“1”
Active
“0”
High Z
BOTTOM VIEW
Hmax = 1.3 mm
TOP VIEW
Marking
Line 1
Manufacturing code + 05 + stability/supply voltage/output code
Line 2
Frequency in MHz (6 digits)
Example for QEN05BDA / 50MHz
Line 1 : G05BDA
Line 2 : 50.000


Similar Part No. - QEN05BNA

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
QEN101 RAKON-QEN101 Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101AAA RAKON-QEN101AAA Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101AAB RAKON-QEN101AAB Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101ADA RAKON-QEN101ADA Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
QEN101ADB RAKON-QEN101ADB Datasheet
458Kb / 4P
   7.0 x 5.0 mm, SMD
05 December 2022
More results

Similar Description - QEN05BNA

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0196A TAI-SAW-TX0196A Datasheet
219Kb / 6P
   SMD 5x3.2 20.000MHz TCXO
TX0156A TAI-SAW-TX0156A Datasheet
206Kb / 5P
   SMD 5x3.2 16.367667MHz TCXO
TX0218A TAI-SAW-TX0218A Datasheet
219Kb / 6P
   SMD 5x3.2 12.8MHz TCXO
TX0104A TAI-SAW-TX0104A Datasheet
196Kb / 5P
   SMD 5x3.2 13MHz VCTCXO
TX0173A TAI-SAW-TX0173A Datasheet
230Kb / 5P
   SMD 5x3.2 12MHz TCXO
TX0174A TAI-SAW-TX0174A Datasheet
212Kb / 6P
   SMD 5x3.2 18.414MHz TCXO
logo
MMD Components
MUL MMD-MUL_12 Datasheet
154Kb / 2P
   MUL Series 5X3.2 Ceramic SMD Oscillator
MUV MMD-MUV_12 Datasheet
153Kb / 2P
   MUV Series 5X3.2 Ceramic SMD Oscillator
logo
Fox Electronics
FTP301AH FOX-FTP301AH Datasheet
502Kb / 2P
   OVEN-CONTROLLED, HCMOS, SMD, XO
FTP300H FOX-FTP300H Datasheet
493Kb / 2P
   OVEN-CONTROLLED, HCMOS, SMD, XO
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com