Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPZ15G Datasheet(PDF) 1 Page - First Components International

Part # GPZ15G
Description  1.5 Amp Glass Passivated Sintered Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GPZ15G Datasheet(HTML) 1 Page - First Components International

  GPZ15G Datasheet HTML 1Page - First Components International GPZ15G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
GPZ15A . . . 15M Series
Average Forward Rectified Current...I
F(av)
Current 3/8" Lead Length @ T
A = 55°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3mS, ½ Sine Wave Superimposed on Rated Load
Forward Voltage @ 1.5A...V
F
Full Load Reverse Current...I
R(av)
Full Cycle Average @ T
A = 55°C
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A = 150°C
Typical Junction Capacitance...C
J (Note 1)
Typical Thermal Resistance...R
θJA (Note 2)
Typical Reverse Recovery Time...t
RR (Note 3)
Operating & Storage Temperature Range...T
J, TSTRG
Preliminary Data Sheet
15A
15B
15D
15G
15J
15K
15M
5 0
100
200
400
600
800
1000
3 5
7 0
140
280
420
560
700
5 0
100
200
400
600
800
1000
............................................. 1.5 ...............................................
............................................. 5 0 ...............................................
............................................. 1.0 ...............................................
Volts
Volts
Volts
Units
Amps
Amps
Volts
µAmps
............................................. 100 ...............................................
............................................. 5.0 ...............................................
............................................. 200 ...............................................
............................................. 1 5 ...............................................
............................................. 2 5 ...............................................
............................................. 2.0 ...............................................
......................................... -65 to 175 ..........................................
µAmps
µAmps
pF
°C/W
µS
°C
.230
.300
1.00 Min.
.031 typ.
.104
.140
JEDEC
D0-15
1.5 Amp Glass Passivated
Sintered Rectifiers
n LOWEST COST FOR GLASS SINTERED
CONSTRUCTION
n LOWEST V
F FOR GLASS SINTERED
CONSTRUCTION
n TYPICAL I
R < 100 nAmps
n 1.5 AMP OPERATION @ T
A = 55°C, WITH
NO THERMAL RUNAWAY
n SINTERED GLASS CAVITY-FREE
JUNCTION


Similar Part No. - GPZ15G

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GPZ10A FCI-GPZ10A Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ10B FCI-GPZ10B Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ10D FCI-GPZ10D Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ10G FCI-GPZ10G Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
GPZ10J FCI-GPZ10J Datasheet
154Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers Mechanical Dimensions
More results

Similar Description - GPZ15G

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UGPZ15 FCI-UGPZ15 Datasheet
53Kb / 1P
   1.5 Amp Glass Passivated Sintered Ultra - Fast Rectifiers
RGFZ15 FCI-RGFZ15 Datasheet
161Kb / 2P
   1.5 Amp Glass Passivated Sintered Fast Recovery Rectifiers Mechanical Dimensions
EGPZ15A FCI-EGPZ15A Datasheet
99Kb / 2P
   1.5 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
RGPZ15A FCI-RGPZ15A Datasheet
155Kb / 2P
   1.5 Amp Glass Passivated Sintered Fast Switching Rectifiers Mechanical Dimensions
UGFZ15 FCI-UGFZ15 Datasheet
60Kb / 1P
   1.5 Amp Glass Passivated Sintered Ultra - Fast Rectifiers Mechanical Dimensions
GFZ2A FCI-GFZ2A Datasheet
155Kb / 2P
   2.0 Amp Glass Passivated Sintered Rectifiers
EGFZ15 FCI-EGFZ15 Datasheet
114Kb / 2P
   1.5 Amp Glass Passivated Sintered Fast Efficient Rectifiers Mechanical Dimensions
GFZ3A FCI-GFZ3A Datasheet
167Kb / 2P
   3.0 Amp Glass Passivated Sintered Rectifiers
GLZ41A FCI-GLZ41A Datasheet
152Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers
GFZ10A FCI-GFZ10A Datasheet
143Kb / 2P
   1.0 Amp Glass Passivated Sintered Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com