Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMA68S4000X-015 Datasheet(PDF) 10 Page - MOSAIC

Part # PUMA68S4000X-015
Description  128 K x 32 Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

PUMA68S4000X-015 Datasheet(HTML) 10 Page - MOSAIC

Back Button PUMA68S4000X-015 Datasheet HTML 3Page - MOSAIC PUMA68S4000X-015 Datasheet HTML 4Page - MOSAIC PUMA68S4000X-015 Datasheet HTML 5Page - MOSAIC PUMA68S4000X-015 Datasheet HTML 6Page - MOSAIC PUMA68S4000X-015 Datasheet HTML 7Page - MOSAIC PUMA68S4000X-015 Datasheet HTML 8Page - MOSAIC PUMA68S4000X-015 Datasheet HTML 9Page - MOSAIC PUMA68S4000X-015 Datasheet HTML 10Page - MOSAIC PUMA68S4000X-015 Datasheet HTML 11Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PAGE 10
Issue 5.1 April 2001
http://www.mosaicsemi.com/
Ordering Information
Note :
Although this data is believed to be accurate the information contained herein is not intended to and does not create
any warranty of merchantibility or fitness for a particular purpose.
Our products are subject to a constant process of development. Data may be changed without notice.
Products are not authorised for use as critical components in life support devices without the express written
approval of a company director.
PUMA 68S4000XLI - 010
Speed
010 = 10ns
012 = 12ns
015 = 15ns
017 = 17ns
Temp. Range/Screening Blank = Commercial
I = Industrial
Power Consumption
Blank = Standard
Pinout Configuration
X = Industry Standard
Pinout
Memory Organisation
4000 = configurable as
128K x 8, 256K x 16 or
512K x 8
Technology
S = SRAM
Package
PUMA 68 = 68 pin ‘J’ Leaded PLCC


Similar Part No. - PUMA68S4000X-015

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-025 MOSAIC-PUMA68S16000X-025 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-015 MOSAIC-PUMA68S16000XB-015 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-017 MOSAIC-PUMA68S16000XB-017 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
More results

Similar Description - PUMA68S4000X-015

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
logo
MOSAIC
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
   256 K (32 K x 8) Static RAM
CY62128EV30LL-45ZXIT CYPRESS-CY62128EV30LL-45ZXIT Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY62128E CYPRESS-CY62128E_13 Datasheet
970Kb / 19P
   1-Mbit (128 K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com