Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEA95V1DE0 Datasheet(PDF) 3 Page - TEMEX

Part # QEA95V1DE0
Description  SMD 9.6x11.4 TCXO / VC-TCXO - Communications equipment applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEA95V1DE0 Datasheet(HTML) 3 Page - TEMEX

  QEA95V1DE0 Datasheet HTML 1Page - TEMEX QEA95V1DE0 Datasheet HTML 2Page - TEMEX QEA95V1DE0 Datasheet HTML 3Page - TEMEX QEA95V1DE0 Datasheet HTML 4Page - TEMEX QEA95V1DE0 Datasheet HTML 5Page - TEMEX QEA95V1DE0 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
QEA95 / QEA95V
SMD 9.6x11.4 TCXO / VC-TCXO – Communications equipment applications
Specification (rev-E)
March 16
th, 2006
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Environmental Specifications
Mechanical Characteristics
Pin connections
4 pins version
6 pins version
#1
Vcont or NC
#5
Vcont or NC
#2
GND
#1,2,4
GND
#3
Output
#3
Output
#4
Vcc
#6
Vcc
Marking
QEA95
QEA95V
QEA95V1
Line 1
E2 AA0*
G2 AA0*
H2 AA0*
Line 2 Frequency in MHz (6 digits)
Line 3 Date code (YYWW) – Manuf. code
* : see letters for Temperature stability, supply
voltage and output
Example for QEA95 AA0 / 10.000MHz
Line 1 : E2 AA0
Line 2 : 10.000
Line 3 : 0610-R
BOTTOM VIEW
SUGGESTED PAD
Item
Specifications
Vibration Test
Freq : 10 ~ 55Hz
Cycle : 2.00mm, 3 directions each 2 hours
Shock Test
Random drop onto concrete 10 times from height of 75 cm
Humidity
RH : 90% at 40degC during 200 hours
Hmax = 2.00 mm
H


Similar Description - QEA95V1DE0

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VT7-302C QUARTZCOM-VT7-302C Datasheet
101Kb / 1P
   SMD VC-TCXO CMOS Applications: mobile communications, GPS
logo
ECS, Inc.
VC-TXO-23SM ECS-VC-TXO-23SM Datasheet
192Kb / 2P
   SMD VC-TCXO
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
List of Unclassifed Man...
DSB535SA ETC-DSB535SA Datasheet
109Kb / 1P
   SMD Type (VC-) TCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com