Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMA84FV128006-15 Datasheet(PDF) 2 Page - MOSAIC

Part # PUMA84FV128006-15
Description  4M x 32 FLASH Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

PUMA84FV128006-15 Datasheet(HTML) 2 Page - MOSAIC

  PUMA84FV128006-15 Datasheet HTML 1Page - MOSAIC PUMA84FV128006-15 Datasheet HTML 2Page - MOSAIC PUMA84FV128006-15 Datasheet HTML 3Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Issue 5.0 April 2001
PAGE 2
Pin Definition - PUMA84FV256006
Pin
Signal
Pin
Signal
1
VCC
43
VCC
2
/WE2
44
A13
3
/CS1
45
A12
4
/CS2
46
A11
5
/CS3
47
A10
6
/CS4
48
A9
7
A17
49
A8
8
A18
50
A7
9
D16
51
D0
10
A19
52
/WE4
11
A20
53
/WE7
12
NC
54
/WE5
13
NC
55
/WE8
14
D17
56
D1
15
D18
57
D2
16
D19
58
D3
17
VSS
59
VSS
18
D20
60
D4
19
D21
61
D5
20
D22
62
D6
21
D23
63
D7
22
VCC
64
VCC
23
D24
65
D8
24
D25
66
D9
25
D26
67
D10
26
D27
68
D11
27
VSS
69
VSS
28
D28
70
D12
29
D29
71
D13
30
D30
72
D14
31
NC
73
NC
32
NC
74
/WE6
33
/RESET
75
D15
34
/WE3
76
A14
35
D31
77
A15
36
A6
78
A16
37
A5
79
/WE1
38
A4
80
/OE
39
A3
81
/CS5
40
A2
82
/CS6
41
A1
83
/CS7
42
A0
84
/CS8


Similar Part No. - PUMA84FV128006-15

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA84FV256006-12 MOSAIC-PUMA84FV256006-12 Datasheet
109Kb / 3P
   8M x 32 FLASH Module
PUMA84FV256006-15 MOSAIC-PUMA84FV256006-15 Datasheet
109Kb / 3P
   8M x 32 FLASH Module
PUMA84FV256006-90 MOSAIC-PUMA84FV256006-90 Datasheet
109Kb / 3P
   8M x 32 FLASH Module
PUMA84FV256006I-12 MOSAIC-PUMA84FV256006I-12 Datasheet
109Kb / 3P
   8M x 32 FLASH Module
PUMA84FV256006I-15 MOSAIC-PUMA84FV256006I-15 Datasheet
109Kb / 3P
   8M x 32 FLASH Module
More results

Similar Description - PUMA84FV128006-15

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMF4M32B8VG HANBIT-HMF4M32B8VG Datasheet
430Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
HMF4M32B8VS HANBIT-HMF4M32B8VS Datasheet
432Kb / 12P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit) ,72pin-SODIMM, 3.3V
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
Siemens Semiconductor G...
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM324025S SIEMENS-HYM324025S Datasheet
52Kb / 10P
   4M x 32-Bit EDO-DRAM Module
logo
MOSAIC
PUMA68F64006X-90 MOSAIC-PUMA68F64006X-90 Datasheet
51Kb / 4P
   2M x 32 FLASH Module
PUMA84FV256006-90 MOSAIC-PUMA84FV256006-90 Datasheet
109Kb / 3P
   8M x 32 FLASH Module
logo
Hanbit Electronics Co.,...
HMF4M32M4GL HANBIT-HMF4M32M4GL Datasheet
420Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
HMF4M32M8GL HANBIT-HMF4M32M8GL Datasheet
422Kb / 11P
   FLASH-ROM MODULE 16MByte (4M x 32-Bit), 72-Pin SIMM, 5V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com