Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMA68SV16000XBI-015 Datasheet(PDF) 6 Page - MOSAIC

Part # PUMA68SV16000XBI-015
Description  512 K x 32 Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

PUMA68SV16000XBI-015 Datasheet(HTML) 6 Page - MOSAIC

Back Button PUMA68SV16000XBI-015 Datasheet HTML 2Page - MOSAIC PUMA68SV16000XBI-015 Datasheet HTML 3Page - MOSAIC PUMA68SV16000XBI-015 Datasheet HTML 4Page - MOSAIC PUMA68SV16000XBI-015 Datasheet HTML 5Page - MOSAIC PUMA68SV16000XBI-015 Datasheet HTML 6Page - MOSAIC PUMA68SV16000XBI-015 Datasheet HTML 7Page - MOSAIC PUMA68SV16000XBI-015 Datasheet HTML 8Page - MOSAIC PUMA68SV16000XBI-015 Datasheet HTML 9Page - MOSAIC PUMA68SV16000XBI-015 Datasheet HTML 10Page - MOSAIC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Issue 5.2 April 2001
PAGE 6
Address
Data Out
Valid Data
t
RC
tAA
t
ACS
t
OLZ
t
CLZ(4,5)
t
CHZ(3,4,5)
t
OHZ
t
OH
/CS
/OE
NOTES(READ CYCLE)
1. /WE is high for read cycle.
2. All read cycle timing is referenced from the last valid address to the first transition address.
3. tCHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to V OH or
VOL levels.
4. At any given temperature and voltage condition, t CHZ(Max.) is less than t CLZ(Min.) both for a given device and from device to
device.
5. Transition is measured ±200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested.
6. Device is continuously selected with /CS=V IL.
7. Address valid prior to coincident with /CS transition low.
8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
9. /CS=/CS1~4
t
OE
Previous Data Valid
Data Valid
Address
Data Out
tRC
t
AA
tOH
Read Cycle 1
(Address Controlled, /CS=/OE=V
IL, /WE=VIH)
Read Cycle 2
(/WE = V
IH)


Similar Part No. - PUMA68SV16000XBI-015

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000XBI-20 MOSAIC-PUMA68SV16000XBI-20 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XBI-25 MOSAIC-PUMA68SV16000XBI-25 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
More results

Similar Description - PUMA68SV16000XBI-015

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
   16-Mbit (512 K x 32) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_10 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV33 CYPRESS-CY7C1020CV33_12 Datasheet
465Kb / 13P
   512 K (32 K 횞 16) Static RAM
CY7C1020CV26 CYPRESS-CY7C1020CV26_10 Datasheet
390Kb / 11P
   512 Kb (32 K 횞 16) Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com