Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYS8512FKX-85 Datasheet(PDF) 2 Page - MOSAIC

Part # SYS8512FKX-85
Description  512K x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS8512FKX-85 Datasheet(HTML) 2 Page - MOSAIC

  SYS8512FKX-85 Datasheet HTML 1Page - MOSAIC SYS8512FKX-85 Datasheet HTML 2Page - MOSAIC SYS8512FKX-85 Datasheet HTML 3Page - MOSAIC SYS8512FKX-85 Datasheet HTML 4Page - MOSAIC SYS8512FKX-85 Datasheet HTML 5Page - MOSAIC SYS8512FKX-85 Datasheet HTML 6Page - MOSAIC SYS8512FKX-85 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISSUE 5.0 November 1999
SYS8512FKX-70/85/10/12
2
DC OPERATING CONDITIONS
DC OPERATING CONDITIONS
DC OPERATING CONDITIONS
DC OPERATING CONDITIONS
DC OPERATING CONDITIONS
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings (1)
DC Electrical Characteristics
DC Electrical Characteristics
DC Electrical Characteristics
DC Electrical Characteristics
DC Electrical Characteristics (V
CC=5V±10%)
TA 0 to 70OC
Recommended Operating Conditions
Recommended Operating Conditions
Recommended Operating Conditions
Recommended Operating Conditions
Recommended Operating Conditions
Parameter
Symbol
min
typ
max
unit
Voltage on any pin relative to V
SS
V
T
-0.3V
-
+7
V
Power Dissipation
P
T
-
1
-
W
Storage Temperature
T
STG
-55
-
+150
oC
Notes :
(1) Stresses above those listed may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at those or any other conditions above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
(2) V
t can be -3.5V pulse of less than 20ns.
Parameter
Symbol
min
typ
max
unit
Supply Voltage
V
CC
4.5
5.0
5.5
V
Input High Voltage
V
IH
2.2
-
Vcc + 0.3
V
Input Low Voltage
V
IL
-0.3
-
0.8
V
Operating Temperature
T
A
0
-
70
oC
T
AI
-40
-
85
oC (I)
Parameter
Symbol
Test Condition
min
typ(2)
max Unit
I/P Leakage Current
A0~A16, OE
I
LI1
0V - V
IN - VCC
--
±8
µA
Output Leakage Current
D0~D7
I
LO
CS = V
IH, VI/O = GND to VCC
-
-
±8
µA
Operating Supply Current
I
CC
CS = V
IL ,II/O = 0mA, VIL - VIN - VCC-2.1V
-16
45
mA
Average Supply Current
TTL levels
I
CC1
Min. Cycle, CS = V
IL, VIN = VIL/VCC-2.1V
-
70
110
mA
CMOS levels
I
CC2
Min. Cycle, CS - 0.2V, V
IN = 0.2V/VCC-0.2V
-24
40
mA
Standby Supply Current
TTL levels
I
SB
CS,A17-A18 = V
CC-2.1V, VIL - VIN - VCC-2.1V
-5
12
mA
CMOS levels
I
SB1
CS,A17-A18 = V
CC-0.2V, 0.2 - VIN - VCC-0.2V
-
0.2
8
mA
-L Part
I
SB2
As above
-
10
500
µA
Output Voltage
V
OL
I
OL = 2.1mA
-
-
0.4
V
V
OH
I
OH = -1.0mA
2.4
-
-
V
Typical values are at V
CC=5.0V,TA=25
oC and specified loading.


Similar Part No. - SYS8512FKX-85

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXC-10 MOSAIC-SYS82000RKXC-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-12 MOSAIC-SYS82000RKXC-12 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-85 MOSAIC-SYS82000RKXC-85 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXCI-10 MOSAIC-SYS82000RKXCI-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS8512FKX-85

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT7Q512 AEROFLEX-UT7Q512 Datasheet
107Kb / 16P
   512K x 8 SRAM
UT8R512K8 AEROFLEX-UT8R512K8 Datasheet
236Kb / 23P
   UT8R512K8 512K x 8 SRAM
logo
Austin Semiconductor
AS5C4008 AUSTIN-AS5C4008_05 Datasheet
117Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
AS5C4008 AUSTIN-AS5C4008 Datasheet
333Kb / 17P
   512K x 8 SRAM SRAM MEMORY ARRAY
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Etron Technology, Inc.
EM564081 ETRON-EM564081 Datasheet
287Kb / 12P
   512K x 8 Low Power SRAM
logo
Aeroflex Circuit Techno...
UT8Q512E AEROFLEX-UT8Q512E Datasheet
198Kb / 22P
   UT8Q512E 512K x 8 RadTol SRAM
logo
Alliance Semiconductor ...
AS7C4096A ALSC-AS7C4096A Datasheet
324Kb / 10P
   5.0V 512K x 8 CMOS SRAM
logo
GSI Technology
GS74108ATP GSI-GS74108ATP Datasheet
613Kb / 13P
   512K x 8 4Mb Asynchronous SRAM
logo
List of Unclassifed Man...
GS74108TP-10 ETC-GS74108TP-10 Datasheet
241Kb / 12P
   512K x 8 4Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com