Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEHC49H3530HN1016 Datasheet(PDF) 1 Page - TEMEX

Part # QEHC49H3530HN1016
Description  HC49/S Crystal - Through Hole packaged
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49H3530HN1016 Datasheet(HTML) 1 Page - TEMEX

  QEHC49H3530HN1016 Datasheet HTML 1Page - TEMEX QEHC49H3530HN1016 Datasheet HTML 2Page - TEMEX QEHC49H3530HN1016 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FREQUENCY
QEHC49H3
HC49/S Crystal – Through Hole packaged
Specification (Rev-D)
Electrical Characteristics ......................................................P01
ESR vs. frequency range and Mode of vibration ..................P01
Mechanical Characteristics ...................................................P01
Ordering Information .............................................................P02
Radial taping specification ....................................................P02


Similar Part No. - QEHC49H3530HN1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3530HN1016 TEMEX-QEHC49H3530HN1016 Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
QEHC49H3530HN1016 TEMEX-QEHC49H3530HN1016 Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
QEHC49H3530HN1016 TEMEX-QEHC49H3530HN1016 Datasheet
463Kb / 4P
   SMD 3.2x2.5 Crystal -Ceramic SMD packaged
More results

Similar Description - QEHC49H3530HN1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM49H4 TEMEX-QESM49H4 Datasheet
486Kb / 5P
   HC49 SMD Crystal - SMD packaged
QEHC49-GW TEMEX-QEHC49-GW Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
logo
Transko Electronics, In...
HC49S TRANSKO-HC49S Datasheet
157Kb / 1P
   STANDARD HC49/S THROUGH HOLE CRYSTAL (11.5 x 4.7 x 3.5mm)
REV.3 10-10-19
logo
TEMEX
QEHC49U TEMEX-QEHC49U Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
QEUM5 TEMEX-QEUM5 Datasheet
450Kb / 3P
   UM5 Crystal - Through Hole & Gull Wing SMD packaged
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
logo
Crystek Corporation
CYXX CRYSTEKCRYSTAL-CYXX_15 Datasheet
51Kb / 1P
   Leaded HC49 Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0852A TAI-SAW-TZ0852A Datasheet
246Kb / 3P
   HC49-SMD 30.000MHz Crystal Resonator
REV. NO.: 1.0
logo
Crystek Corporation
CYXX CRYSTEKCRYSTAL-CYXX Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0697A TAI-SAW-TZ0697A Datasheet
257Kb / 4P
   HC49-SMD 10.000MHz Crystal Resonator
REV. NO.: 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com