Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEHC49H3330FN1016 Datasheet(PDF) 3 Page - TEMEX

Part # QEHC49H3330FN1016
Description  SMD 3.2x2.5 Crystal -Ceramic SMD packaged
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49H3330FN1016 Datasheet(HTML) 3 Page - TEMEX

  QEHC49H3330FN1016 Datasheet HTML 1Page - TEMEX QEHC49H3330FN1016 Datasheet HTML 2Page - TEMEX QEHC49H3330FN1016 Datasheet HTML 3Page - TEMEX QEHC49H3330FN1016 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QESM07
SMD 3.2x2.5 Crystal – Ceramic SMD packaged
Specification (rev-A)
June 26
th, 2006
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Ordering Information
Part numbering system
QESM07
1
10
HQ
10
10
14.7456MHZ
Package type
Vibration
mode
Frequency
tolerance
Operating
temperature
range
Frequency
stability
Load
Capacitance
Nominal
Frequency
(MHz)
SMD Package
QESM07 : SMD
ceramic 3.2 x 2.5
1=Fundamental
10=
±10ppm
20=
±20ppm
30=
±30ppm
D=-40°C
F= -30°C
H=-20°C
J=-10°C
L=0°C
M=+50°C
N=+55°C
O=+60°C
Q=+70°C
T=+85°C
10=
±10ppm
20=
±20ppm
30=
±30ppm
10=10pF
Please, enter the
value of load
capacitance
Please enter the
nominal
frequency
Suggested Reflow Soldering Profile


Similar Part No. - QEHC49H3330FN1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3330FN1016 TEMEX-QEHC49H3330FN1016 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
QEHC49H3330FN1016 TEMEX-QEHC49H3330FN1016 Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
QEHC49H3330FN1016 TEMEX-QEHC49H3330FN1016 Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
More results

Similar Description - QEHC49H3330FN1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM01 TEMEX-QESM01 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD packaged
QESM05 TEMEX-QESM05 Datasheet
571Kb / 4P
   SMD 5.0x3.2 Crystal - Ceramic SMD packaged
QESM04 TEMEX-QESM04 Datasheet
583Kb / 4P
   SMD 6.0x3.5 Crystal - Ceramic SMD packaged
QESM06 TEMEX-QESM06 Datasheet
439Kb / 4P
   SMD 4.0x2.5 Crystal - Ceramic SMD packaged
QESM052 TEMEX-QESM052 Datasheet
567Kb / 4P
   SMD 5.0x3.2 Crystal - Ceramic SMD 2 pads packaged
QESM012 TEMEX-QESM012 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD 2 pads packaged
QESM042 TEMEX-QESM042 Datasheet
689Kb / 4P
   SMD 6.0x3.5 Crystal - Ceramic SMD 2 pads packaged
QESM49H4 TEMEX-QESM49H4 Datasheet
486Kb / 5P
   HC49 SMD Crystal - SMD packaged
logo
QUARTZCOM the communica...
SMX-415 QUARTZCOM-SMX-415 Datasheet
115Kb / 1P
   Ceramic packaged SMD Watch Crystal Reliable, low cost crystal
SMX-315 QUARTZCOM-SMX-315 Datasheet
105Kb / 1P
   Ceramic packaged SMD Watch Crystal Reliable, low cost crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com