Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYS82000RKXC-85 Datasheet(PDF) 5 Page - MOSAIC

Part # SYS82000RKXC-85
Description  2M x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS82000RKXC-85 Datasheet(HTML) 5 Page - MOSAIC

  SYS82000RKXC-85 Datasheet HTML 1Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 2Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 3Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 4Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 5Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 6Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SYS82000RKXC - 85/10/12
ISSUE 1.3 April 2001
5
Read Cycle Timing Waveform (1,2)
Write Cycle No.1 Timing Waveform(1,4)
tWR(7)
AS(6)
t
CW
t
WP(2)
t
DW
DH
AW
Don't
Care
t
t
t
t
t
WC
OHZ(3,9)
Address
OE
CS
WE
Dout
Din
High-Z
High-Z
OW
t
(8)
Data Valid
OE
t
ACS
t
CLZ (4,5)
t
OHZ (3)
t
t
OLZ
AA
OH
CHZ (3,4,5)
Data Valid
t
t
t
t
RC
Address
CS
Dout
OE
Don't
care.
AC Read Characteristics Notes
(1) WE is High for Read Cycle.
(2) All read cycle timing is referenced from the last valid address to the first transition address.
(3) tCHZ and tOHZ are defined as the time at which the outputs achieve open circuit conditions and are
not referenced to output voltage levels.
(4) At any given temperature and voltage condition, tCHZ (max) is less than tCLZ (min) both for a given module
and from module to module.
(5) These parameters are sampled and not 100% tested.


Similar Part No. - SYS82000RKXC-85

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXD-10 MOSAIC-SYS82000RKXD-10 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXD-12 MOSAIC-SYS82000RKXD-12 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXDI-10 MOSAIC-SYS82000RKXDI-10 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXDI-12 MOSAIC-SYS82000RKXDI-12 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS82000RKXC-85

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
Hanbit Electronics Co.,...
HMS2M32M16G HANBIT-HMS2M32M16G Datasheet
282Kb / 10P
   SRAM MODULE 8Mbyte (2M x 32-Bit)
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
SYS84000RKX-85 MOSAIC-SYS84000RKX-85 Datasheet
85Kb / 7P
   4M x 8 SRAM MODULE
SYS88000RKX-70 MOSAIC-SYS88000RKX-70 Datasheet
84Kb / 7P
   8M x 8 SRAM MODULE
logo
Dallas Semiconductor
DS1254 DALLAS-DS1254 Datasheet
352Kb / 17P
   2M x 8 NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1254 MAXIM-DS1254 Datasheet
161Kb / 17P
   2M x 8 NV SRAM with Phantom Clock
12/09
logo
Etron Technology, Inc.
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
logo
Brilliance Semiconducto...
BS62LV1600 BSI-BS62LV1600_06 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com