Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYS82000RKXC-85 Datasheet(PDF) 3 Page - MOSAIC

Part # SYS82000RKXC-85
Description  2M x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS82000RKXC-85 Datasheet(HTML) 3 Page - MOSAIC

  SYS82000RKXC-85 Datasheet HTML 1Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 2Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 3Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 4Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 5Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 6Page - MOSAIC SYS82000RKXC-85 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SYS82000RKXC - 85/10/12
ISSUE 1.3 April 2001
3
Operation Truth Table
CS
OE
WE
DATA PINS
SUPPLY CURRENT
MODE
H
X
X
High Impedance
ISB1 , ISB2
Standby
L
L
H
Data Out
ICC
Read
L
X
L
Data In
ICC
Write
L
H
H
High Impedance
ICC
Output Disabled
Notes : H = VIH : L =VIL : X = VIH or VIL
AC Test Conditions
Output Load
* Input pulse levels: 0 V to 3.0V
* Input rise and fall times: 5ns
* Input and Output timing reference levels: 1.5V
* Output load: see diagram
* V
CC = 5V± 10%
645
100pF
I/O Pin
1.76V
Low V
cc Data Retention Characteristics - L Version Only (TOP = 0°C to 70°C)
-L Part
Parameter
Symbol Test Condition
min
typ
max
Unit
V
CC for Data Retention
V
DR
CS>V
CC-0.2V
2.0
-
-
V
0.2V>V
in>Vcc-0.2
Data Retention Current
I
CCDR
V
CC=3.0V,CS=VCC-0.2V,0.2V>Vin>Vcc-0.2
-
-
500
µA
Chip Deselect to Data Ret. Time t
CDR
See Retention Waveform
0-
-
ns
Operation Recovery Time
t
R
See Retention Waveform
5-
-
ms


Similar Part No. - SYS82000RKXC-85

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXD-10 MOSAIC-SYS82000RKXD-10 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXD-12 MOSAIC-SYS82000RKXD-12 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXDI-10 MOSAIC-SYS82000RKXDI-10 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXDI-12 MOSAIC-SYS82000RKXDI-12 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS82000RKXC-85

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
Hanbit Electronics Co.,...
HMS2M32M16G HANBIT-HMS2M32M16G Datasheet
282Kb / 10P
   SRAM MODULE 8Mbyte (2M x 32-Bit)
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
SYS84000RKX-85 MOSAIC-SYS84000RKX-85 Datasheet
85Kb / 7P
   4M x 8 SRAM MODULE
SYS88000RKX-70 MOSAIC-SYS88000RKX-70 Datasheet
84Kb / 7P
   8M x 8 SRAM MODULE
logo
Dallas Semiconductor
DS1254 DALLAS-DS1254 Datasheet
352Kb / 17P
   2M x 8 NV SRAM with Phantom Clock
logo
Maxim Integrated Produc...
DS1254 MAXIM-DS1254 Datasheet
161Kb / 17P
   2M x 8 NV SRAM with Phantom Clock
12/09
logo
Etron Technology, Inc.
EM567168 ETRON-EM567168 Datasheet
121Kb / 12P
   2M x 16 Pseudo SRAM
logo
Brilliance Semiconducto...
BS62LV1600 BSI-BS62LV1600_06 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com