Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEHC49H3310HN1016 Datasheet(PDF) 2 Page - TEMEX

Part # QEHC49H3310HN1016
Description  SMD 3.2x2.5 Crystal -Ceramic SMD packaged
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49H3310HN1016 Datasheet(HTML) 2 Page - TEMEX

  QEHC49H3310HN1016 Datasheet HTML 1Page - TEMEX QEHC49H3310HN1016 Datasheet HTML 2Page - TEMEX QEHC49H3310HN1016 Datasheet HTML 3Page - TEMEX QEHC49H3310HN1016 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QESM07
SMD 3.2x2.5 Crystal – Ceramic SMD packaged
Specification (rev-A)
June 26
th, 2006
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Electrical Characteristics
Electrical Parameters
Unit Minimum Typical Maximum
Test conditions
Frequency range
MHz
13
54
Frequency Tolerance (at 25°C) ± ppm
10
15
30
Refer to Ordering Information
Temperature Stability
± ppm
10
15
30
Refer to Ordering Information
Operating Temperature Range
°C
-20/+70
-40/+85
Refer to Ordering Information
Storage temperature range
°C
-40
+85
Shunt capacitance C0
pF
3.0
Load capacitance
pF
8pF ~ 12pF
Refer to Ordering Information
Drive level
µW
10
100
300
Aging (First Year)
± ppm
2
Ref at 25°C
Insulator resistance
MΩ
500
At 100VDC
Customized specification upon request
ESR vs. frequency range and Mode of vibration
Mechanical Characteristics
Marking for QESM06
Line 1
Temex code (3 digits)
Line 2
T+date code (2digits)
Frequency range (MHz)
Mode of vibration
Max ESR (Ω)
13.000 to 19.999
Fundamental (AT-cut)
80
20.000 to 25.999
Fundamental (AT-cut)
70
26.000 to 54.000
Fundamental (AT-cut)
50
H = 0.65
± 0.10 mm
Mechanical conditions
Vibration 10g, 10Hz to 2KHz
according to standard
CEI 68-2-63
Shocks
100g, 6ms according
to standard CEI 68-2-
27
Note 1 : Pin 2 and Pin 4 are
connected through cover. In case
connected to GND, frequency
might be drifted.
Note 2 : QESM07 is fully RoHS
compliant.


Similar Part No. - QEHC49H3310HN1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3310HN1016 TEMEX-QEHC49H3310HN1016 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
QEHC49H3310HN1016 TEMEX-QEHC49H3310HN1016 Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
QEHC49H3310HN1016 TEMEX-QEHC49H3310HN1016 Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
More results

Similar Description - QEHC49H3310HN1016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM01 TEMEX-QESM01 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD packaged
QESM05 TEMEX-QESM05 Datasheet
571Kb / 4P
   SMD 5.0x3.2 Crystal - Ceramic SMD packaged
QESM04 TEMEX-QESM04 Datasheet
583Kb / 4P
   SMD 6.0x3.5 Crystal - Ceramic SMD packaged
QESM06 TEMEX-QESM06 Datasheet
439Kb / 4P
   SMD 4.0x2.5 Crystal - Ceramic SMD packaged
QESM052 TEMEX-QESM052 Datasheet
567Kb / 4P
   SMD 5.0x3.2 Crystal - Ceramic SMD 2 pads packaged
QESM012 TEMEX-QESM012 Datasheet
474Kb / 4P
   SMD 7.0x5.0 Crystal - Ceramic SMD 2 pads packaged
QESM042 TEMEX-QESM042 Datasheet
689Kb / 4P
   SMD 6.0x3.5 Crystal - Ceramic SMD 2 pads packaged
QESM49H4 TEMEX-QESM49H4 Datasheet
486Kb / 5P
   HC49 SMD Crystal - SMD packaged
logo
QUARTZCOM the communica...
SMX-415 QUARTZCOM-SMX-415 Datasheet
115Kb / 1P
   Ceramic packaged SMD Watch Crystal Reliable, low cost crystal
SMX-315 QUARTZCOM-SMX-315 Datasheet
105Kb / 1P
   Ceramic packaged SMD Watch Crystal Reliable, low cost crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com