Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYS84000RKXL-85 Datasheet(PDF) 3 Page - MOSAIC

Part # SYS84000RKXL-85
Description  4M x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS84000RKXL-85 Datasheet(HTML) 3 Page - MOSAIC

  SYS84000RKXL-85 Datasheet HTML 1Page - MOSAIC SYS84000RKXL-85 Datasheet HTML 2Page - MOSAIC SYS84000RKXL-85 Datasheet HTML 3Page - MOSAIC SYS84000RKXL-85 Datasheet HTML 4Page - MOSAIC SYS84000RKXL-85 Datasheet HTML 5Page - MOSAIC SYS84000RKXL-85 Datasheet HTML 6Page - MOSAIC SYS84000RKXL-85 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SYS84000RKX - 85/10/12
ISSUE 1.7 April 2001
* Input pulse levels: 0V to 3.0V
* Input rise and fall times: 5ns
* Input and Output timing reference levels: 1.5V
* Output load: see diagram
* V
CC=5V±10%
AC Test Conditions
Output Load
Operation Truth Table
645
100pF
I/O Pin
1.76V
Parameter
Symbol
Test Condition
min
typ(1)
max
Unit
V
CC for Data Retention
V
DR
CS > V
CC-0.2V
2.0
-
-
V
Data Retention Current
V
CC = 3.0V, CS > VCC-0.2V
I
CCDR1
(2)
T
OP = 0°C to 70°C
-
1
mA
I
CCDR3
T
OP = TAI
-
-
TBA
uA
Chip Deselect to Data Retention Time
t
CDR
See Retention Waveform
0
-
-
ns
Operation Recovery Time
t
R
See Retention Waveform
5
-
-
ms
Notes
(1) Typical figures are measured at 25°C.
(2) This parameter is guaranteed not tested.
Low V
cc Data Retention Characteristics - L Version Only
CS
OE
WE
DATA PINS
SUPPLY CURRENT
MODE
H
X
X
High Impedance
ISB1 , ISB2 , ISB3, ISB4
Standby
L
L
L
Invalid State
~
Invalid
L
L
H
Data Out
ICC1
Read
L
H
L
Data In
ICC1
Write
L
H
H
High-Impedance
ICC1
High-Z
Notes : H = VIH : L =VIL : X = VIH or VIL
OE must not be tied low permanently.


Similar Part No. - SYS84000RKXL-85

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXC-10 MOSAIC-SYS82000RKXC-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-12 MOSAIC-SYS82000RKXC-12 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-85 MOSAIC-SYS82000RKXC-85 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXCI-10 MOSAIC-SYS82000RKXCI-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS84000RKXL-85

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
Renesas Technology Corp
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
   4M SRAM (512-kword X 8-bit)
logo
Hitachi Semiconductor
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
   4M SRAM (512 KWORD X 8 BIT)
logo
Hanbit Electronics Co.,...
HMS4M16M16G HANBIT-HMS4M16M16G Datasheet
246Kb / 10P
   SRAM MODULE 8Mbyte(4M x 16-Bit)
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
SYS88000RKX-70 MOSAIC-SYS88000RKX-70 Datasheet
84Kb / 7P
   8M x 8 SRAM MODULE
logo
Renesas Technology Corp
HM62W8511HC RENESAS-HM62W8511HC Datasheet
171Kb / 16P
   4M High Speed SRAM (512-kword x 8-bit)
logo
Hitachi Semiconductor
HM628511H HITACHI-HM628511H Datasheet
75Kb / 13P
   4M High Speed SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com