Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYS88000RKXI-85 Datasheet(PDF) 5 Page - MOSAIC

Part # SYS88000RKXI-85
Description  8M x 8 SRAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSAIC [MOSAIC]
Direct Link  http://www.mosaicsemi.com
Logo MOSAIC - MOSAIC

SYS88000RKXI-85 Datasheet(HTML) 5 Page - MOSAIC

  SYS88000RKXI-85 Datasheet HTML 1Page - MOSAIC SYS88000RKXI-85 Datasheet HTML 2Page - MOSAIC SYS88000RKXI-85 Datasheet HTML 3Page - MOSAIC SYS88000RKXI-85 Datasheet HTML 4Page - MOSAIC SYS88000RKXI-85 Datasheet HTML 5Page - MOSAIC SYS88000RKXI-85 Datasheet HTML 6Page - MOSAIC SYS88000RKXI-85 Datasheet HTML 7Page - MOSAIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SYS88000RKX - 85/10/12
ISSUE 1.5 : April 2001
5
Read Cycle Timing Waveform (1,2)
Write Cycle No.1 Timing Waveform(1,4)
tWR(7)
AS(6)
t
CW
t
WP(2)
t
DW
DH
AW
Don't
Care
t
t
t
t
t
WC
OHZ(3,9)
Address
OE
CS
WE
Dout
Din
High-Z
High-Z
OW
t
(8)
Data Valid
OE
t
ACS
t
CLZ (4,5)
t
OHZ (3)
t
t
OLZ
AA
OH
CHZ (3,4,5)
Data Valid
t
t
t
t
RC
Address
CS
Dout
OE
Don't
care.
AC Read Characteristics Notes
(1) WE is High for Read Cycle.
(2) All read cycle timing is referenced from the last valid address to the first transition address.
(3) tCHZ and tOHZ are defined as the time at which the outputs achieve open circuit conditions and are not
referenced to output voltage levels.
(4) At any given temperature and voltage condition, tCHZ (max) is less than tCLZ (min) both for a given module
and from module to module.
(5) These parameters are sampled and not 100% tested.


Similar Part No. - SYS88000RKXI-85

ManufacturerPart #DatasheetDescription
logo
MOSAIC
SYS82000RKXC-10 MOSAIC-SYS82000RKXC-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-12 MOSAIC-SYS82000RKXC-12 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXC-85 MOSAIC-SYS82000RKXC-85 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS82000RKXCI-10 MOSAIC-SYS82000RKXCI-10 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
More results

Similar Description - SYS88000RKXI-85

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1471 CYPRESS-CYM1471 Datasheet
251Kb / 8P
   2048K x 8 SRAM Module 2048K x 8 SRAM Module
Revised January 2, 1997
logo
MOSAIC
SYS8512FKX-70 MOSAIC-SYS8512FKX-70 Datasheet
60Kb / 7P
   512K x 8 SRAM MODULE
SYS82000RKXC-70 MOSAIC-SYS82000RKXC-70 Datasheet
94Kb / 7P
   2M x 8 SRAM MODULE
SYS84000RKX-85 MOSAIC-SYS84000RKX-85 Datasheet
85Kb / 7P
   4M x 8 SRAM MODULE
SYS82000RKXD-85 MOSAIC-SYS82000RKXD-85 Datasheet
95Kb / 7P
   2M x 8 SRAM MODULE
logo
Hanbit Electronics Co.,...
HMF8M8M4G HANBIT-HMF8M8M4G Datasheet
417Kb / 11P
   FLASH-ROM MODULE 8MByte (8M x 8-Bit)
logo
AMIC Technology
LP62S16512A AMICC-LP62S16512A Datasheet
179Kb / 16P
   8M BIT (512K x 16 / 1M x 8) LOW VOLTAGE CMOS SRAM
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
MBM29F080A FUJITSU-MBM29F080A Datasheet
564Kb / 47P
   8M (1M X 8) BIT
MBM29LV008TA FUJITSU-MBM29LV008TA Datasheet
439Kb / 51P
   8M (1M X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com