Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24100 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ24100
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24100 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24100_07 Datasheet HTML 7Page - Texas Instruments BQ24100_07 Datasheet HTML 8Page - Texas Instruments BQ24100_07 Datasheet HTML 9Page - Texas Instruments BQ24100_07 Datasheet HTML 10Page - Texas Instruments BQ24100_07 Datasheet HTML 11Page - Texas Instruments BQ24100_07 Datasheet HTML 12Page - Texas Instruments BQ24100_07 Datasheet HTML 13Page - Texas Instruments BQ24100_07 Datasheet HTML 14Page - Texas Instruments BQ24100_07 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
www.ti.com
OPERATIONAL FLOW CHART
Battery
Detect?
TS Pin
in LTF to HTF
Range?
Indicate CHARGE
SUSPEND
No
V
BAT<VLOWV
Yes
No
V
BAT<VLOWV
T30min
Expired?
No
Yes
Indicate Fault
Battery
Replaced?
(Vbat < Vrch?)
Yes
No
Yes
FSTCHG Timer
Expired?
No
Suspend Charge
Indicate Charge-
In-Progress
Regulate
I
PRECHG
Indicate Charge-
In-Progress
Regulate
Current or Voltage
Indicate BATTERY
ABSENT
Check for Battery
Presence
No
Reset and Start
T30min timer
TS pin
in LTF to TCO
range?
Indicate CHARGE
SUSPEND
No
Suspend Charge
POR
Yes
Yes
Reset and Start
FSTCHG timer
TS Pin
in LTF to TCO
Range?
I
TERM detection?
Yes
Yes
V
BAT < VRCH?
No
Indicate DONE
Charge Complete
Yes
V
BAT<VLOWV
No
No
- Fault Condition
- Enable I
DETECT
No
Yes
Yes
TS pin
in LTF to HTF
range?
No
TS pin
in LTF to HTF
range?
Indicate CHARGE
SUSPEND
Suspend Charge
No
No
Indicate Charge-
In-Progress
- Turn Off Charge
- Enable I
DISCHG for
t
DISCHG2
Indicate BATTERY
ABSENT
Battery Removed
Yes
Yes
Yes
*
*NOTE: If the TTC pin is
pulled low, the safety timer
and termination are
disabled; the charger
continues to regulate, and
the STAT pins indicate
charge in progress.
If the TTC pin is pulled high
(VTSB), only the safety
timer is disabled
(termination is normal).
bq24100, bq24103, bq24103A
bq24105, bq24108, bq24109
bq24113, bq24113A, bq24115
SLUS606K – JUNE 2004 – REVISED NOVEMBER 2007
Figure 7. Stand-Alone Version Operational Flow Chart
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq24100, bq24103, bq24103A bq24105, bq24108, bq24109 bq24113, bq24113A, bq24115


Similar Part No. - BQ24100_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
More results

Similar Description - BQ24100_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24120 TI-BQ24120_07 Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com