Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24113A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24113A
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24113A Datasheet(HTML) 3 Page - Texas Instruments

  BQ24113A Datasheet HTML 1Page - Texas Instruments BQ24113A Datasheet HTML 2Page - Texas Instruments BQ24113A Datasheet HTML 3Page - Texas Instruments BQ24113A Datasheet HTML 4Page - Texas Instruments BQ24113A Datasheet HTML 5Page - Texas Instruments BQ24113A Datasheet HTML 6Page - Texas Instruments BQ24113A Datasheet HTML 7Page - Texas Instruments BQ24113A Datasheet HTML 8Page - Texas Instruments BQ24113A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
www.ti.com
PACKAGE DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
V
IREG +
1V
RSET1
1000,
bq24100, bq24103, bq24103A
bq24105, bq24108, bq24109
bq24113, bq24113A, bq24115
SLUS606K – JUNE 2004 – REVISED NOVEMBER 2007
TA < 40°C
DERATING FACTOR
PACKAGE
θ
JA
θ
JC
POWER RATING
ABOVE TA = 40°C
RHL(1)
46.87
°C/W
2.5
°C/W
1.81 W
0.021 W/
°C
(1)
This data is based on using the JEDEC High-K board, and the exposed die pad is connected to a copper pad on the board. This is
connected to the ground plane by a 2x3 via matrix.
MIN
NOM
MAX
UNIT
Supply voltage, VCC and IN (Tie together)
4.35(1)
16(2)
V
Operating junction temperature range, TJ
–40
125
°C
(1)
The IC continues to operate below Vmin, to 3.5 V, but the specifications are not tested and not specified.
(2)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the IN or OUT pins. A tight layout
minimizes switching noise.
TJ = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
VCC > VCC(min), PWM switching
10
mA
I(VCC)
VCC supply current
VCC > VCC(min), PWM NOT switching
5
VCC > VCC(min), CE = HIGH
315
µA
0
°C ≤ T
J ≤ 65°C, VI(BAT) = 4.2 V,
3.5
VCC < V(SLP) or VCC > V(SLP) but not in charge
Battery discharge sleep current, (SNS,
0
°C ≤ T
J ≤ 65°C, VI(BAT) = 8.4 V,
I(SLP)
5.5
µA
BAT, OUT, FB pins)
VCC < V(SLP) or VCC > V(SLP) but not in charge
0
°C ≤ T
J ≤ 65°C, VI(BAT) = 12.6 V,
7.7
VCC < V(SLP) or VCC > V(SLP) but not in charge
VOLTAGE REGULATION
CELLS = Low, in voltage regulation
4.2
Output voltage, bq24103/03A/13/13A
VOREG
CELLS = High, in voltage regulation
8.4
V
Output voltage, bq24100/08/09
Operating in voltage regulation
4.2
Feedback regulation REF for bq24105/15
VIBAT
IIBAT = 25 nA typical into pin
2.1
V
only (W/FB)
TA = 25°C
–0.5%
0.5%
Voltage regulation accuracy
–1%
1%
CURRENT REGULATION - FAST CHARGE
VLOWV ≤ VI(BAT) < VOREG,
IOCHARGE
Output current range of converter
150
2000
mA
V(VCC) - VI(BAT) > V(DO-MAX)
100 mV
≤ VIREG≤ 200 mV,
VIREG
Voltage regulated across R(SNS) Accuracy
–10%
10%
Programmed Where
5 k
Ω ≤ RSET1 ≤ 10 kΩ, Select RSET1 to
program VIREG,
VIREG(measured) = IOCHARGE + RSNS
(–10% to 10% excludes errors due to RSET1
and R(SNS) tolerances)
V(LOWV) ≤ VI(BAT) ≤ VO(REG),
V(ISET1)
Output current set voltage
1
V
V(VCC) ≤ VI(BAT) × V(DO-MAX)
VLOWV ≤ VI(BAT) < VO(REG) ,
K(ISET1)
Output current set factor
1000
V/A
V(VCC) ≤ VI(BAT) + V(DO-MAX)
PRECHARGE AND SHORT-CIRCUIT CURRENT REGULATION
Precharge to fast-charge transition voltage
VLOWV
threshold, BAT,
68
71.4
75
%VO(REG)
bq24100/03/03A/05/08/09 ICs only
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): bq24100, bq24103, bq24103A bq24105, bq24108, bq24109 bq24113, bq24113A, bq24115


Similar Part No. - BQ24113A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24113A TI-BQ24113A Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
bq24113A TI1-bq24113A Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24113ARHLR TI-BQ24113ARHLR Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24113ARHLR TI1-BQ24113ARHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
BQ24113ARHLR TI1-BQ24113ARHLR Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
More results

Similar Description - BQ24113A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24120 TI-BQ24120_07 Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com