Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1024A250 Datasheet(PDF) 4 Page - Littelfuse

Part # SL1024A250
Description  Gas Plasma Arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024A250 Datasheet(HTML) 4 Page - Littelfuse

  SL1024A250 Datasheet HTML 1Page - Littelfuse SL1024A250 Datasheet HTML 2Page - Littelfuse SL1024A250 Datasheet HTML 3Page - Littelfuse SL1024A250 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
345
www .littelfuse .com
1.37
1.37
1.37
1.3
1.3
TYPICAL FAILSAFE
CONFIGURATION
TYPICAL TUBE
DIMENSIONS
10.7 +/-0.2
6.4+/-0.15
6.4+/-0.15
4.4+/-0.15
4.4+/-0.15
4.75+/-0.15
4.75+/-0.15
5.5+/-0.15
5.5+/-0.15
6.0+/-0.15
6.0+/-0.15
8.4 MAX
4.4+/-0.15
4.4+/-0.15
ALL PRIMARY DIMENSIONS IN mm
UNLESS SPECIFIED
TOLERANCE +/- 0.2mm
11.8
SL1024AxxxC
TYPICAL TUBE
DIMENSIONS
SL1024AxxxY
TYPICAL TUBE
DIMENSIONS
SL1024AxxxRF
TYPICAL TUBE
DIMENSIONS
SL1024AxxxS
TYPICAL TUBE
DIMENSIONS
SL1024AxxxP
TYPICAL TUBE
DIMENSIONS
SL1024AxxxZ
TYPICAL TUBE
DIMENSIONS
SL1024AxxxR
Gas Discharge Tubes
Greentube™ SL1024A Series Gas Plasma Arrester
Omega Range
®
Pb
RoHS
Mechanical Specifications:
Weight:
2.7g (0.095 oz.)
Materials:
Electrode Base: Nickel Iron Alloy
Electrode Plating: Bright Sn
Body: Ceramic
Device Marking:
Littelfuse ‘LF’ marking, Voltage and date
code. Red.
MECHANICAL DIMENSIONS


Similar Part No. - SL1024A250

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1024A250 LITTELFUSE-SL1024A250 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL1024A250

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
LT230 LITTELFUSE-LT230 Datasheet
110Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
VS230 LITTELFUSE-VS230 Datasheet
81Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com