Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1411A090 Datasheet(PDF) 1 Page - Littelfuse

Part # SL1411A090
Description  Two-terminal Gas Plasma Arrester
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1411A090 Datasheet(HTML) 1 Page - Littelfuse

  SL1411A090 Datasheet HTML 1Page - Littelfuse SL1411A090 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Heavy Duty Delta Range
358
www .littelfuse .com
8
Gas Discharge Tubes
SL1411A Series Two-terminal Gas Plasma Arrester
The Greentube™ SL1411A (Delta) Series Gas Plasma Arrester
(improved gas discharge tube (GDT)) features is a high-
performance transient voltage suppressor designed for heavy-
duty protection of telecom and industrial equipment.
The Delta range offers high levels of performance and durability
on fast-rising transients in the domain of 100 V/µS to 1 kV/µS,
which are those most likely from induced lightning disturbances.
The high surge rating of these devices makes them ideal for
arduous service conditions and Outside Plant locations.
The Delta range also features ultra low capacitance (typically 1 pF
or less) and optimized internal geometry which provides low
insertion loss at high frequencies, so are ideal for the protection
of broadband equipment.
FEATURES
RoHS compliant and Lead-free
• Can be used to meet the requirements of GR-1361, RUS PE-80,
ITU K.12 and YD/T940, 950, 1082, 993, 694
Excellent response to fast rising transients
Up to 1.5 gHz working frequency
10 kA surge capability tested with 8/20µS pulse as defined by
IEC 61000-4-5 (20 kA for 90 V)
20,000 A single shot surge capability tested with 8/20µs
pulse as defined by IEC 61000-4-5
Excellent service life characteristics
Applications:
Outside Plant and MDF protector modules.
ADSL equipment.
XDSL equipment (including ADSL2, VDSL, VDSL2).
Satellite and CATV equipment.
General telecom equipment.
Cell phone base stations.
®
Pb
RoHS
2 ELECTRODE GDT
ORDERING INFORMATION
GDT SHOWING SEATING PLANE
FOR SL1411AxxxSM
8.0 ±0.2
SL1411AxxxC
7.0
1.3
RECOMMENDED PAD LAYOUT
8.0 ±0.2
SL1411AxxxSM
5.4
6.0±0.3
0.8
6.0±0.2
6.0±0.2
8.0 ±0.2
SL1411AxxxA
All dimensions in mm
Mechanical Specifications:
Weight:
2.7g (0.095 oz.)
Materials:
Electrode Base: Nickel Iron Alloy
Electrode Plating: Bright Sn
Body: Ceramic
Device Marking:
Littelfuse ‘LF’ marking, Voltage and
date code.
1411 A
Voltage
Pin Configuration
SL
Surge Capability
A= 5kA
SM= Surface Mount
C= Core
A= Axial Leaded


Similar Part No. - SL1411A090

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1411A090 LITTELFUSE-SL1411A090 Datasheet
135Kb / 3P
   RoHS complaint Lead-free Excellent response to fast rising transients
SL1411A090 LITTELFUSE-SL1411A090 Datasheet
420Kb / 6P
   SL1011A/B and SL1411A Series
SL1411A090 LITTELFUSE-SL1411A090 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

Similar Description - SL1411A090

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
LT230 LITTELFUSE-LT230 Datasheet
110Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
VS230 LITTELFUSE-VS230 Datasheet
81Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
logo
WAGO Kontakttechnik Gmb...
870-523-281-581 WAGO-870-523-281-581 Datasheet
126Kb / 4P
   Component terminal block; double-deck; with gas-filled surge arrester
23.11.2021
logo
Littelfuse
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com