Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEV4KH200LQ50 Datasheet(PDF) 2 Page - TEMEX

Part # QEV4KH200LQ50
Description  DIL 8 Pin Half Size VCXO - Communications Equipment Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEV4KH200LQ50 Datasheet(HTML) 2 Page - TEMEX

  QEV4KH200LQ50 Datasheet HTML 1Page - TEMEX QEV4KH200LQ50 Datasheet HTML 2Page - TEMEX QEV4KH200LQ50 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QEV4
DIL 8 Pin Half Size VCXO – Communications Equipment Application
Specification (rev-C)
June 14
th, 2006
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Electrical Characteristics
Electrical Parameters
Unit
Minimum
Typical
Maximum
Test conditions
Frequency range
MHz
1
160
Output logic
HCMOS / TTL Output
Operating temperature
range
°C
0 to +70
-40 to +85
Refer to Ordering
Information
Storage temperature range
°C
-55
+125
Power supply voltage (VCC)
3.3V version
5.0V version
VDC
3.135
4.750
3.3
5.0
3.465
5.250
Refer to Ordering
Information
Typical Calibration
± ppm
15
Ref at 25°C
Frequency Stability
(see note 1)
± ppm
±15, ±25, ±50, ±100
Refer to Ordering
Information
Stability vs Supply voltage
variation
± ppm
5
VCC ± 5%
Stability vs load variation
± ppm
3
15pF
± 10%
Aging (First Year)
± ppm
5
Ref at 25°C
Input current
(see table 1)
mA
HCMOS Output load
pF
15
Output Logic Levels
Output Logic High (VOH)
Output Logic Low (VOL)
V
90%VCC
10%VCC
Frequency Pulling range
3.3V => Vc= 1.65
± 1.50V
5.0V => Vc= 2.50
± 2.00V
± ppm
± 50 ~ ± 150 minimum
± 50 ~ ± 200 minimum
Refer to Ordering
Information
Linearity
%
10
Duty cycle
%
40
50
60
Rise & Fall time
ns
10
From 10% Vcc to
90% Vcc
Start-up time
ms
10
Note 1: Include 25°C tolerance, operating temperature range, input voltage change, load change, first year
aging, shock and vibration.
Note 2: QEV4 is fully RoHS compliant.
Table 1 : Input Current
Vcc=5V
Vcc=3.3V
Frequency
range (MHz)
Cl=15 pF
Cl=15pF
1.000 to 10.999
20 mA
10 mA
20.00 to 39.999
40 mA
30 mA
40.00 to 99.999
60 mA
50 mA
100.0 to 160.00
90 mA
80 mA


Similar Part No. - QEV4KH200LQ50

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
   SMD 7x5 VCXO - Communications Equipment Application
logo
Conquer Electronics Co....
QEV24 CONQUER-QEV24 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24060 CONQUER-QEV24060 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24070 CONQUER-QEV24070 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24080 CONQUER-QEV24080 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
More results

Similar Description - QEV4KH200LQ50

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEN4 TEMEX-QEN4 Datasheet
417Kb / 3P
   DIL 8 Pin Half Size XO - Communications Equipment Application
logo
Golledge Electronics Lt...
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
   5V VCXO in half size 8 pin DIL package
logo
EUROQUARTZ limited
GDF8 EUROQUARTZ-GDF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPA8 EUROQUARTZ-GPA8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPF8 EUROQUARTZ-GPF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
logo
TEMEX
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
   SMD 7x5 VCXO - Communications Equipment Application
logo
Vectron International, ...
VVB1 VECTRON-VVB1 Datasheet
52Kb / 2P
   Half Size VCXO
logo
EUROQUARTZ limited
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com