Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS488IQT Datasheet(PDF) 6 Page - STMicroelectronics

Part # TS488IQT
Description  Pop-free 120mW stereo headphone amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488IQT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TS488IQT Datasheet HTML 2Page - STMicroelectronics TS488IQT Datasheet HTML 3Page - STMicroelectronics TS488IQT Datasheet HTML 4Page - STMicroelectronics TS488IQT Datasheet HTML 5Page - STMicroelectronics TS488IQT Datasheet HTML 6Page - STMicroelectronics TS488IQT Datasheet HTML 7Page - STMicroelectronics TS488IQT Datasheet HTML 8Page - STMicroelectronics TS488IQT Datasheet HTML 9Page - STMicroelectronics TS488IQT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Electrical characteristics
TS488-TS489
6/32
Table 5.
Electrical characteristics at VCC =+3.3V
with GND = 0V, Tamb = 25°C (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply current
No input signal, no load
1.8
2.5
mA
ISTBY
Standby current
No input signal, VSTBY = GND for TS488,
RL=32Ω
10
1000
nA
No input signal, VSTBY =VCC for TS489,
RL=32Ω
10
1000
Pout
Output power
THD+N = 0.1% max, F = 1kHz, RL =32Ω
34
mW
THD+N = 1% max, F = 1kHz, RL =32Ω
30
35
THD+N = 0.1% max, F = 1kHz, RL =16Ω
55
THD+N = 1% max, F = 1kHz, RL =16Ω
47
57
THD+N
Total harmonic distortion
+ noise
AV =-1, RL =32Ω, Pout = 16mW,
20Hz
≤ F ≤ 20kHz
0.3
%
AV =-1, RL =16Ω, Pout = 35mW,
20Hz
≤ F ≤ 20kHz
0.3
PSRR
Power supply rejection
ratio, inputs grounded(2)
AV =-1, RL ≥ 16Ω, Cb=1µF, F = 1kHz,
Vripple = 200mVpp
63
69
dB
AV =-1, RL ≥ 16Ω, Cb=1µF, F = 217Hz,
Vripple = 200mVpp
61
67
VO
Output swing
VOL: RL =32Ω
0.15
0.2
V
VOH: RL =32Ω
3.03
3.12
VOL: RL =16Ω
0.28
0.36
VOH: RL =16Ω
2.82
2.97
SNR
Signal-to-noise ratio
A weighted, AV =-1, RL =32Ω,
THD+N < 0.4%, 20Hz
≤F ≤20kHz
102
dB
Crosstalk Channel separation
RL =32Ω, AV =-1
F= 1kHz
F = 20Hz to 20kHz
-102
-84
dB
Ci
Input capacitance
1
pF
GBP
Gain bandwidth product
RL =32Ω
1.1
MHz
SR
Slew rate, unity gain
inverting
RL =16Ω
0.6
V/
μs
VIO
Input offset voltage
Vicm=VCC/2
1
20
mV
twu
Wake-up time
100
ms
1.
All electrical values are guaranteed with correlation measurements at 2.5V and 5V.
2.
Guaranteed by design and evaluation.


Similar Part No. - TS488IQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482 Datasheet
597Kb / 24P
   100mW STEREO HEADPHONE AMPLIFIER
TS482 STMICROELECTRONICS-TS482 Datasheet
608Kb / 26P
   100mW Stereo Headphone Amplifier
TS482ID STMICROELECTRONICS-TS482ID Datasheet
597Kb / 24P
   100mW STEREO HEADPHONE AMPLIFIER
TS482ID STMICROELECTRONICS-TS482ID Datasheet
608Kb / 26P
   100mW Stereo Headphone Amplifier
TS482IDT STMICROELECTRONICS-TS482IDT Datasheet
597Kb / 24P
   100mW STEREO HEADPHONE AMPLIFIER
More results

Similar Description - TS488IQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863 Datasheet
578Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
logo
Jiaxing Heroic Technolo...
HT4832 HEROIC-HT4832 Datasheet
430Kb / 3P
   33mW output-free capacitor stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com