Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1024A450 Datasheet(PDF) 1 Page - Littelfuse

Part # SL1024A450
Description  Gas Plasma Arrester
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1024A450 Datasheet(HTML) 1 Page - Littelfuse

  SL1024A450 Datasheet HTML 1Page - Littelfuse SL1024A450 Datasheet HTML 2Page - Littelfuse SL1024A450 Datasheet HTML 3Page - Littelfuse SL1024A450 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
342
www .littelfuse .com
8
Greentube™ SL1024A Series Gas Plasma Arrester
Omega Rage
ORDERING INFORMATION
3 ELECTRODE GDT
a=TIP
b=RING
e=GROUND
(centre electrode)
GRAPHICAL SYMBOL
a
b
e
1024 A
SL
Voltage
Pin Configuration
Failsafe Optio
F=Plastic
S=Solder
n
(See Mechanical
Drawings)
The SL1024A series offers high levels of current handling on fast
rising transients created by induced Lightning disturbances.
These devices are extremely robust and are able to divert pulses
of 10,000A. The SL1024A also features ultra low capacitance
(typically 1pf or less) making them ideal for the protection of
high-speed transmission equipment.
FEATURES
RoHS compliant except
‘RS’ suffix
• Low insertion loss
Excellent response to fast rising transients.
Ultra low capacitance.
10KA surge capability tested with 8/20µs pulse as defined by
IEC 61000-4-5
Available with thermal failsafe option (add ‘F’ or ‘S’ suffix to
part number)
Applications:
Broadband equipment.
ADSL equipment.
XDSL equipment.
Satellite and CATV equipment.
Splitters
General telecom equipment.
®
Pb
RoHS


Similar Part No. - SL1024A450

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A450 LITTELFUSE-SL1024A450 Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1024A450 LITTELFUSE-SL1024A450 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1024A450 LITTELFUSE-SL1024A450 Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
SL1024A450 LITTELFUSE-SL1024A450 Datasheet
185Kb / 5P
   SL1021AB, SL1024AB and PMT8 Series
SL1024A450 LITTELFUSE-SL1024A450 Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL1024A450

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1002A LITTELFUSE-SL1002A Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
LT230 LITTELFUSE-LT230 Datasheet
110Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
VS230 LITTELFUSE-VS230 Datasheet
81Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
P0080SAL LITTELFUSE-P0080SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com