Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU806 Datasheet(PDF) 2 Page - First Components International

Part # KBU806
Description  8.0 Amp SINGLE PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBU806 Datasheet(HTML) 2 Page - First Components International

  KBU806 Datasheet HTML 1Page - First Components International KBU806 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
8.0 Amp
SINGLE PHASE SILICON BRIDGE
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Page 3-24
Typical Junction Capacitance
Electrical Description
AC In
DC Out
Typical Instantaneous Forward Characteristics
Non-Repetitive
Peak Forward Surge Current
300
200
100
11 0
100
Number of Cycles @ 60 HZ
Volts
Forward Current Derating Curve
Lead Temperature (°°°°°C)
Percent of Rated Peak Voltage
Typical Reverse Characteristics
Reverse Voltage (Volts)
10
1
0
.9
1.1 1.3
1.5
.7
100
T
J = 25°
°°°°C


Similar Part No. - KBU806

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU806 WTE-KBU806 Datasheet
42Kb / 3P
   8.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
KBU806 ASEMI-KBU806 Datasheet
115Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Diotech Company.
KBU806 DIOTECH-KBU806 Datasheet
764Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBU806 JUXING-KBU806 Datasheet
444Kb / 2P
   SILICON BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU806 JGD-KBU806 Datasheet
139Kb / 2P
   SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBU806

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
KBPC800 FCI-KBPC800 Datasheet
123Kb / 2P
   8.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Bytes
BR805 BYTES-BR805 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
GBJ801 UNIOHM-GBJ801 Datasheet
67Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
BR805 NJSEMI-BR805 Datasheet
48Kb / 1P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR805-BR810 DGNJDZ-BR805-BR810 Datasheet
190Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 DGNJDZ-KBU801 Datasheet
478Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
GBU8005 DGNJDZ-GBU8005 Datasheet
280Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
GBU801 GWSEMI-GBU801 Datasheet
64Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
KBU801 GWSEMI-KBU801 Datasheet
68Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Bytes
RS801M BYTES-RS801M Datasheet
148Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com