Electronic Components Datasheet Search |
|
FL-5300-HT Datasheet(PDF) 1 Page - Optoway Technology Inc |
|
FL-5300-HT Datasheet(HTML) 1 Page - Optoway Technology Inc |
1 / 2 page Optoway FL-5300 ******************************************************************************************************************************************************** ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 2/18/2002 V1.0 1550 nm LASER DIODE MODULES FL-5300 SERIES UNCOOLED MQW-FP LD WITH PIGTAIL ******************************************************************************************************************************************************* FEATURES ² 1550 nm typical emission wavelength ² High reliability, long operation life ² High temperature operation without active cooling ² Build-in InGaAs monitor APPLICATION Trunk Line, FitL DESCRIPTION FL-5300 series are designed for coupling a single mode optical fiber with 1550 nm MQW-FP uncooled laser diode. FL-5300 series are the best kits as light sources for telecom and datacom applications. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 °C) Symbol Parameter Test Conditions Min. Typ. Max. Unit Ith Threshold Current CW 12 15 mA VOP Operating Voltage CW, IF= Ith+20mA 1.2 1.5 V Pf Optical Output Power Part No:FL-530X FL-531X FL-532X FL-533X CW, IF= Ith+20mA 0.2 0.5 1.0 2.0 - - - - - - mW λc Center Wavelength CW, Ith+20mA 1520 1550 1580 nm Δλ Spectral Width CW, Ith+20mA, RMS (σ) 3 nm t r, t f Rise And Fall Times IF=Ith, Ith+20mA, 10~ 90% 0.3 ns ΔP f / P f Tracking Error APC, -40~+85 ºC - - ±1.0 dB Im PD Monitor Current CW, Ith+20mA,VRD=1V 100 μA ID PD Dark Current VRD=5V 0.1 μA Ct PD Capacitance VRD=5V, f=1MHz 10 15 pF ABSOLUTE MAXIMUM RATINGS (TC=25 ºC) Symbol Parameter Ratings Unit Po Optical Output Power (530X/531X/532X/533X) 0.5/1.0/1.5/3 mW VRL LD Reverse Voltage 2 V VRD PD Reverse Voltage 10 V IFD PD Forward Current 1.0 mA Topr Operating Temperature -40~+85 ºC Tstg Storage Temperature -40~+85 ºC |
Similar Part No. - FL-5300-HT |
|
Similar Description - FL-5300-HT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |