Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD2403AR Datasheet(PDF) 3 Page - Sony Corporation

Part # CXD2403AR
Description  Timing Generator for Color Liquid Crystal Panel
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD2403AR Datasheet(HTML) 3 Page - Sony Corporation

  CXD2403AR Datasheet HTML 1Page - Sony Corporation CXD2403AR Datasheet HTML 2Page - Sony Corporation CXD2403AR Datasheet HTML 3Page - Sony Corporation CXD2403AR Datasheet HTML 4Page - Sony Corporation CXD2403AR Datasheet HTML 5Page - Sony Corporation CXD2403AR Datasheet HTML 6Page - Sony Corporation CXD2403AR Datasheet HTML 7Page - Sony Corporation CXD2403AR Datasheet HTML 8Page - Sony Corporation CXD2403AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
1VDD2I
2
PLNT
I
L
3
XCLR
I
H
4
SLFR
I
L
5
N.C.
6
SLCK
I
L
7
TST0
I
L
8
TST1
I
L
9
TST2
I
L
10
N.C.
11
N.C.
12
N.C.
13
VEE
I
14
N.C.
15
N.C.
16
CLR
O
17
EN
O
18
VST
O
19
VCK1
O
20
VCK2
O
21
HST
O
22
HCK2
O
23
HCK1
O
24
VSS3I
25
VSS2I
26
N.C.
27
SYNC
I
28
FLDI
I
29
FLDO
O
30
VD
O
31
SH1
O
32
SH2
O
33
SH3
O
34
FRP
O
35
XCLP
O
36
HD
O
37
RPD
O
38
VDD1I
39
CKO
O
40
CKI
I
5V system power supply
Switches between PAL (High) and NTSC (Low)
Reset at 0V
Switches between field inversion (High) and line inversion (Low)
No connected
Switches between LCX003/004 (Low) and LCX005 (High)
Test
Test
Test
No connected
No connected
No connected
12V system power supply
No connected
No connected
CLR pulse output (positive polarity)
EN pulse output (negative polarity)
V start pulse output (positive polarity)
V clock pulse 1 output (positive polarity)
V clock pulse 2 output (positive polarity)
H start pulse output (positive polarity)
H clock pulse 2 output (positive polarity)
H clock pulse 1 output (positive polarity)
12V system GND
5V system GND
No connected
Composite sync input (positive polarity)
Field identification signal input ODD (High)/EVEN (Low)
Field identification signal output
VD pulse output (positive polarity)
Sample-and-hold pulse output (positive polarity)
Sample-and-hold pulse output (positive polarity)
Sample-and-hold pulse output (positive polarity)
AC drive timing pulse output
Burst position clamp pulse output (negative polarity)
HD pulse output (positive polarity)
Phase comparator output
5V system power supply
Oscillation cell (output)
Oscillation cell (input)
CXD2403AR
–3–
Pin Description
(H: Pull Up, L: Pull Down)
Pin
Symbol
I/O
Description
Input Pin for
No.
Open Status


Similar Part No. - CXD2403AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2400 SONY-CXD2400 Datasheet
498Kb / 22P
   Timing Controller for CCD cameras
CXD2400R SONY-CXD2400R Datasheet
498Kb / 22P
   Timing Controller for CCD cameras
CXD2401R SONY-CXD2401R Datasheet
318Kb / 21P
   Electronic Iris Control IC
CXD2408AR SONY-CXD2408AR Datasheet
320Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
CXD2408R SONY-CXD2408R Datasheet
487Kb / 30P
   Timing Generator for Progressive Scan CCD Image Sensor
More results

Similar Description - CXD2403AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
logo
Panasonic Semiconductor
AN5372S PANASONIC-AN5372S Datasheet
94Kb / 1P
   IC for Liquid Crystal Color TV
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA1854AR SONY-CXA1854AR Datasheet
1Mb / 45P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com