Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDI12N50TU Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDI12N50TU
Description  N-Channel MOSFET 500V, 11.5A, 0.65廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDI12N50TU Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDI12N50TU Datasheet HTML 1Page - Fairchild Semiconductor FDI12N50TU Datasheet HTML 2Page - Fairchild Semiconductor FDI12N50TU Datasheet HTML 3Page - Fairchild Semiconductor FDI12N50TU Datasheet HTML 4Page - Fairchild Semiconductor FDI12N50TU Datasheet HTML 5Page - Fairchild Semiconductor FDI12N50TU Datasheet HTML 6Page - Fairchild Semiconductor FDI12N50TU Datasheet HTML 7Page - Fairchild Semiconductor FDI12N50TU Datasheet HTML 8Page - Fairchild Semiconductor FDI12N50TU Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FDB12N50
TM Rev. A1
www.fairchildsemi.com
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDI12N50TU

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDI100 DEC-FDI100 Datasheet
259Kb / 1P
   1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI101 DEC-FDI101 Datasheet
259Kb / 1P
   1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI102 DEC-FDI102 Datasheet
259Kb / 1P
   1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI104 DEC-FDI104 Datasheet
259Kb / 1P
   1 AMP FAST RECOVERY BRIDGE RECTIFIERS
FDI106 DEC-FDI106 Datasheet
259Kb / 1P
   1 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FDI12N50TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
MagnaChip Semiconductor...
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
logo
Fairchild Semiconductor
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDB12N50F FAIRCHILD-FDB12N50F Datasheet
597Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
logo
MagnaChip Semiconductor...
MDP12N50F MGCHIP-MDP12N50F Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.75ohm
MDF12N50 MGCHIP-MDF12N50 Datasheet
779Kb / 8P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
MDP12N50 MGCHIP-MDP12N50 Datasheet
772Kb / 6P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
logo
Alpha & Omega Semicondu...
AOD468 AOSMD-AOD468 Datasheet
312Kb / 6P
   300V,11.5A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com