Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2302 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGS2302
Description  4 - 20 GHz VPIN SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2302 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TGS2302 Datasheet HTML 1Page - TriQuint Semiconductor TGS2302 Datasheet HTML 2Page - TriQuint Semiconductor TGS2302 Datasheet HTML 3Page - TriQuint Semiconductor TGS2302 Datasheet HTML 4Page - TriQuint Semiconductor TGS2302 Datasheet HTML 5Page - TriQuint Semiconductor TGS2302 Datasheet HTML 6Page - TriQuint Semiconductor TGS2302 Datasheet HTML 7Page - TriQuint Semiconductor TGS2302 Datasheet HTML 8Page - TriQuint Semiconductor TGS2302 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TGS2302
6
TriQuint Semiconductor Texas:
www.triquint.com Phone (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
May 2006
Equivalent Schematic
RF Output B
RF output A
Icontrol A
Icontrol B
RF Input


Similar Part No. - TGS2302

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2302 TRIQUINT-TGS2302 Datasheet
580Kb / 9P
   4 - 20 GHz VPIN SPDT Switch
TGS2302 TRIQUINT-TGS2302_15 Datasheet
580Kb / 9P
   4 - 20 GHz VPIN SPDT Switch
More results

Similar Description - TGS2302

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2302 TRIQUINT-TGS2302_15 Datasheet
580Kb / 9P
   4 - 20 GHz VPIN SPDT Switch
TGS2313 TRIQUINT-TGS2313 Datasheet
813Kb / 9P
   4 - 18 GHz VPIN SP3T Switch
TGS2313 TRIQUINT-TGS2313_15 Datasheet
807Kb / 9P
   4 - 18 GHz VPIN SP3T Switch
logo
Tyco Electronics
MASW20000 MACOM-MASW20000 Datasheet
87Kb / 2P
   GaAs SPDT Switch DC - 20 GHz
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
   GaAs SPDT Switch DC - 20 GHz
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
   2 - 20 GHz Dual Stage VPIN Limiter
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024 Datasheet
149Kb / 4P
   DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
   DC-20 GHz SPDT Non-reflective Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com