Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPB-9820BLG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPB-9820BLG
Description  1310 nm TX / 1490 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPB-9820BLG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPB-9820BLG Datasheet HTML 1Page - Optoway Technology Inc SPB-9820BLG Datasheet HTML 2Page - Optoway Technology Inc SPB-9820BLG Datasheet HTML 3Page - Optoway Technology Inc SPB-9820BLG Datasheet HTML 4Page - Optoway Technology Inc SPB-9820BLG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPB-9820G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
3/1/2006
V2.0
1
SPB-9820G / SPB-9820BG / SPB-9820LG / SPB-9820BLG (RoHS Compliant)
1310 nm TX / 1490 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
**********************************************************************************************************************************************************************
FEATURES
l 1-Fiber Bi-Directional SFP Optical Transceiver
l Simplex SC Connector: SPB-9820G
l Simplex LC Connector: SPB-9820LG
l Tri-rate for OC-48 / STM-16, Gigabit Ethernet
1000BASE & Fibre Channel
l 1310 nm DFB LD Transmitter
l 1490 nm Receiver
l Distance Up to 20 km
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPB-9620G
l -10 to 85oC Operation: SPB-9620BG
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l Gigabit Ethernet Interconnect
l Fibre Channel Links
DESCRIPTION
The SPB-9820G series is high performance module for
OC-48 / STM-16 and Gigabit Ethernet 1000BASE single
fiber communications by using 1310 nm transmitter and
1550 nm receiver. It is with the SFP 20-pin connector to
allow hot plug capability. The transmitter section uses a
multiple quantum well 1310 nm DFB laser and is a class 1
laser compliant according to International Safety Standard
IEC 60825. The receiver section is designed to receive 1490
nm signal. The receiver section uses an integrated 1490 nm
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports of
the module shall be terminated with an optical connector or
with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Package
Temp
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPB-9820G
2.5
20
1310DFB
1490
SC SFP
0 to 70
0 to -5
-18
Yes
SPB-9820BG
2.5
20
1310DFB
1490
SC SFP
-10 to 85
0 to -5
-18
Yes
SPB-9820LG
2.5
20
1310DFB
1490
LC SFP
0 to 70
0 to -5
-18
Yes
SPB-9820BLG
2.5
20
1310DFB
1490
LC SFP
-10 to 85
0 to -5
-18
Yes


Similar Part No. - SPB-9820BLG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9820BLG OPTOWAY-SPB-9820BLG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9820BLG OPTOWAY-SPB-9820BLG Datasheet
177Kb / 6P
   2.5 Gbps Single-Fiber SFP Transceiver
More results

Similar Description - SPB-9820BLG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-9805G OPTOWAY-SPB-9805G Datasheet
172Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9920G OPTOWAY-SPB-9920G Datasheet
172Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9940G OPTOWAY-SPB-9940G Datasheet
171Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9820G OPTOWAY-SPB-9820G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9920G OPTOWAY-SPB-9920G_08 Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9940G OPTOWAY-SPB-9940G_08 Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9905G OPTOWAY-SPB-9905G_08 Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9840G OPTOWAY-SPB-9840G Datasheet
171Kb / 5P
   1310 nm TX / 1490 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9905G OPTOWAY-SPB-9905G Datasheet
172Kb / 5P
   1490 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9805G OPTOWAY-SPB-9805G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com