Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM300DY-2HB Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # QM300DY-2HB
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM300DY-2HB Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  QM300DY-2HB Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM300DY-2HB Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM300DY-2HB Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM300DY-2HB Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM300DY-2HB Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Feb.1999
SWITCHING TIME VS. BASE
CURRENT (TYPICAL)
REVERSE BIAS SAFE OPERATING AREA
COLLECTOR-EMITTER VOLTAGE
VCE (V)
BASE REVERSE CURRENT
–IB2 (A)
FORWARD BIAS SAFE OPERATING AREA
DERATING FACTOR OF F. B. S. O. A.
COLLECTOR-EMITTER VOLTAGE
VCE (V)
CASE TEMPERATURE
TC (
°C)
REVERSE COLLECTOR CURRENT VS.
COLLECTOR-EMITTER REVERSE
VOLTAGE (DIODE FORWARD
CHARACTERISTICS) (TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (TRANSISTOR)
COLLECTOR-EMITTER REVERSE VOLTAGE
–VCEO (V)
TIME (s)
MITSUBISHI TRANSISTOR MODULES
QM300DY-2HB
HIGH POWER SWITCHING USE
INSULATED TYPE
–1
10
–2
10
–3
10
–1
10
0
10
2
10
1
10
100
80
60
40
20
0
0
20
60
100 120
160
40
80
140
10
30
50
70
90
600
100
0
0
400
800
1200
200
600
1000
300
400
200
500
Tj=125°C
IB2=–6A
7
5
3
2
7
5
3
2
7
5
3
2
0
10
23 4 5 7
2 3 4 5 7
2
10
1
10
Tj=25°C
Tj=125°C
ts
tf
VCC=600V
IB1=0.6A
IC=300A
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
TC=25°C
DC
2
10
3
10
1
10
0
10
3
10
2
10
1
10
0
10
100µs
50µs
1ms
200µs
3
10
7
5
4
3
2
2
10
7
5
4
3
2
0.2
2.2
1.8
1.4
1.0
0.6
Tj=25°C
Tj=125°C
1
10
7
5
3
2
7
5
3
2
7
5
3
2
0.08
0
7
5
3
2
1
10
0
10
0
10
0.07
0.06
0.05
0.04
0.03
0.02
0.01
SECOND
BREAKDOWN
AREA
COLLECTOR
DISSIPATION
NON-REPETITIVE


Similar Part No. - QM300DY-2HB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM300DY-2H MITSUBISHI-QM300DY-2H Datasheet
82Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM300DY-2HB

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com