Selected language     English  ▼


W005G Datasheet(PDF) 2 Page - First Components International

Part No. W005G
Description  1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI [First Components International]
Homepage  http://www.cotra.com.tw/
Logo 

   
 2 page
background image
Data Sheet
1.5 Amp GLASS PASSIVATED
SINGLE PHASE SILICON BRIDGE
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Page 3-10
AC In
DC Out
Electrical Description
Forward Current Derating Curve
Ambient Temperature (°°°°°C)
.5
20
60
100
140
1.5
1
Instantaneous Typical
Forward Characteristics
Typical Reverse
Characteristics
Instantaneous Typical
Forward Characteristics Per Element
T
J = 25°
°°°°C
T
J = 25°
°°°°C
Percent of Rated Peak Voltage




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBP151G_1Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
W005GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP151GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
2W0052.0 Amp SINGLE PHASE SILICON BRIDGE 1 2 First Components International
GBJ2502-GGlass Passivated SINGLE PHASE BRIDGE Rectifier 1 2 Comchip Technology
KBP201GSingle Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
TS6B01G_1Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP201G_1Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU1001GSingle Phase 10 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBL401G_1Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl