Electronic Components Datasheet Search
Selected language     English  ▼


W005G Datasheet(PDF) 1 Page - First Components International

Part No. W005G
Description  1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI [First Components International]
Homepage  http://www.cotra.com.tw/
Logo 

   
 1 page
background image
Description
Features
Mechanical Dimensions
n 200 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
W005G . . . 10G Series
Average Forward Rectified Current...I
F(av)
T
A = 25°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 mS Single ½ Sine Wave Imposed on Rated Load
Forward Voltage...V
F
Bridge Element @ 1.0 Amp
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =100°C
Operating & Storage Temperature Range...T
J, TSTRG
Data Sheet
1.5 Amp GLASS PASSIVATED
SINGLE PHASE SILICON BRIDGE
Units
Volts
Volts
Volts
............................................. 1.5 ...............................................
............................................. 50 ...............................................
............................................. 1.0 ...............................................
............................................. 10 ...............................................
............................................. 1.0 ...............................................
......................................... -55 to 125 ..........................................
Amps
Amps
Volts
µAmps
mAmps
°C
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
Mechanical Data: Mounting Position - Any.
Weight - 1.1 Grams.
n COMPACT SIZE
n LOW LEAKAGE CURRENT
W005G W01G
W02G
W04G
W06G
W08G
W10G
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Page 3-9




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KBP151G_1Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
W005GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP151GSingle Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
2W0052.0 Amp SINGLE PHASE SILICON BRIDGE 1 2 First Components International
GBJ2502-GGlass Passivated SINGLE PHASE BRIDGE Rectifier 1 2 Comchip Technology
KBP201GSingle Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
TS6B01G_1Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBP201G_1Single Phase 2.0 AMPS Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBU1001GSingle Phase 10 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
KBL401G_1Single Phase 4.0 AMPS. Glass Passivated Bridge Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl