Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W01G Datasheet(PDF) 1 Page - First Components International

Part # W01G
Description  1.5 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

W01G Datasheet(HTML) 1 Page - First Components International

  W01G Datasheet HTML 1Page - First Components International W01G Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
Mechanical Dimensions
n 200 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
W005G . . . 10G Series
Average Forward Rectified Current...I
F(av)
T
A = 25°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 mS Single ½ Sine Wave Imposed on Rated Load
Forward Voltage...V
F
Bridge Element @ 1.0 Amp
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =100°C
Operating & Storage Temperature Range...T
J, TSTRG
Data Sheet
1.5 Amp GLASS PASSIVATED
SINGLE PHASE SILICON BRIDGE
Units
Volts
Volts
Volts
............................................. 1.5 ...............................................
............................................. 50 ...............................................
............................................. 1.0 ...............................................
............................................. 10 ...............................................
............................................. 1.0 ...............................................
......................................... -55 to 125 ..........................................
Amps
Amps
Volts
µAmps
mAmps
°C
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
Mechanical Data: Mounting Position - Any.
Weight - 1.1 Grams.
n COMPACT SIZE
n LOW LEAKAGE CURRENT
W005G W01G
W02G
W04G
W06G
W08G
W10G
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Page 3-9


Similar Part No. - W01G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
W01G PANJIT-W01G Datasheet
49Kb / 2P
   1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Won-Top Electronics
W01G WTE-W01G Datasheet
47Kb / 4P
   1.5A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
W01G VISHAY-W01G Datasheet
84Kb / 5P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 08-Jul-13
logo
Won-Top Electronics
W01G WTE-W01G Datasheet
52Kb / 3P
   1.5A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
W01G TSC-W01G Datasheet
73Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - W01G

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
DF15005 FCI-DF15005 Datasheet
110Kb / 2P
   1.5 Amp Glass Passivated Single Phase Silicon Bridge
logo
Shenzhen Luguang Electr...
DBL151G LUGUANG-DBL151G Datasheet
362Kb / 2P
   Single Phase 1.5 AMP. Glass Passivated Bridge Rectifiers
logo
Fuji Electric
KBP005G FUJI-KBP005G Datasheet
514Kb / 1P
   1.5 AMP GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
First Components Intern...
GBJ6005 FCI-GBJ6005 Datasheet
78Kb / 2P
   6.0 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
D1S FCI-D1S Datasheet
125Kb / 2P
   0.8 Amp Glass Passivated Single Phase Silicon Bridge
GBPC2500 FCI-GBPC2500 Datasheet
670Kb / 4P
   25 Amp Glass Passivated SINGLE PHASE SILICON BRIDGE
DF005 FCI-DF005_1 Datasheet
144Kb / 2P
   1.0 Amp Glass Passivated Single Phase Silicon Bridge
logo
List of Unclassifed Man...
KBP155G ETC1-KBP155G Datasheet
52Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
W005GM TSC-W005GM Datasheet
68Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
KBP151G TSC-KBP151G Datasheet
54Kb / 2P
   Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com