Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1900REL Datasheet(PDF) 1 Page - Littelfuse

Part # P1900REL
Description  CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1900REL Datasheet(HTML) 1 Page - Littelfuse

  P1900REL Datasheet HTML 1Page - Littelfuse P1900REL Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R
oHS
Telecom Design Guide • © 2006 Littelfuse
3 - 89
www.littelfuse.com
CATV Line Amplifiers/Power Inserters 3 kA SIDACtor® Device
This SIDACtor device is a 3000 A solid state protection device offered in a non-isolated
TO-220 package. It protects equipment located in the severe surge environment of CATV
(Community Antenna TV) systems and antenna locations.
* “L” in part number indicates RoHS compliance. For non-RoHS compliant device, delete “L” from part number.
For surge ratings, see table below.
** IT is a free air rating; heat sink IT rating is 25 A.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
* Current waveform in µs
** Voltage waveform in µs
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps **
IH
mAmps
P1500REL
140
180
4
5
800
2.2/25
50
P1900REL
140
220
4
5
800
2.2/25
50
P2300REL
180
260
4
5
800
2.2/25
50
Surge Ratings in Amps
Series
IPP
ITSM
50 / 60 Hz
di/dt
8x20 *
1.2x50 **
Amps
Amps
Amps/µs
E
3000
400
500
12


Similar Part No. - P1900REL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1900RE LITTELFUSE-P1900RE Datasheet
124Kb / 2P
   CATV Line Amplifiers/Power Inserters RE SIDACtor Device
More results

Similar Description - P1900REL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1500NEL LITTELFUSE-P1500NEL Datasheet
150Kb / 2P
   CATV Line Amplifiers/Power Inserters 3 kA SIDACtor짰 Device
P1500MEL LITTELFUSE-P1500MEL Datasheet
151Kb / 2P
   CATV Line Amplifiers/Power Inserters 5 kA SIDACtor짰 Device
P1500ME LITTELFUSE-P1500ME Datasheet
125Kb / 2P
   CATV Line Amplifiers/Power Inserters ME SIDACtor Device
P1900NE LITTELFUSE-P1900NE Datasheet
124Kb / 2P
   CATV Line Amplifiers/Power Inserters NE SIDACtor Device
P1900RE LITTELFUSE-P1900RE Datasheet
124Kb / 2P
   CATV Line Amplifiers/Power Inserters RE SIDACtor Device
P0080E_L LITTELFUSE-P0080E_L Datasheet
149Kb / 3P
   SIDACtor짰 Device
P0080S_L LITTELFUSE-P0080S_L Datasheet
151Kb / 3P
   SIDACtor짰 Device
T10C080B LITTELFUSE-T10C080B Datasheet
146Kb / 2P
   SIDACtor짰 Device
P0080SCMCL LITTELFUSE-P0080SCMCL Datasheet
153Kb / 3P
   MicroCapacitance (MC) SC SIDACtor짰 Device
logo
NXP Semiconductors
CA901A NXP-CA901A Datasheet
236Kb / 4P
   The RF Line VHF/UHF CATV Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com