Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0641SAL Datasheet(PDF) 1 Page - Littelfuse

Part # P0641SAL
Description  Fixed Voltage SLIC Protector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P0641SAL Datasheet(HTML) 1 Page - Littelfuse

  P0641SAL Datasheet HTML 1Page - Littelfuse P0641SAL Datasheet HTML 2Page - Littelfuse P0641SAL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
oHS
Telecom Design Guide • © 2006 Littelfuse
3 - 63
www.littelfuse.com
Fixed Voltage SLIC Protector
These DO-214AA unidirectional protectors are constructed with a SIDACtor® device and an
integrated diode. They protect SLICs (Subscriber Line Interface Circuits) from damage
during transient voltage activity and enable line cards to comply with various regulatory
requirements including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and
TIA-968-A (formerly known as FCC Part 68).
For details of specific design criteria, see Figure 6.31 in Section 6, “Reference Designs” of
this Telecom Design Guide).
* “L” in part number indicates RoHS compliance. For non-RoHS compliant device, delete “L” from part number.
For individual “SA” and “SC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• VDRM is measured at IDRM.
• VS and VF are measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Parallel capacitive loads may affect electrical parameters.
* Current waveform in µs
** Voltage waveform in µs
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VT
Volts
VF
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
P0641S_L
58
77
4
5
5
800
1
120
P0721S_L
65
88
4
5
5
800
1
120
P0901S_L
75
98
4
5
5
800
1
120
P1101S_L
95
130
4
5
5
800
1
120
P1301S_L
120
160
4
5
5
800
1
120
P1701S_L
160
200
4
5
5
800
1
120
Surge Ratings in Amps
IPP
ITSM
50 / 60 Hz
di/dt
0.2x310 *
0.5x700 **
2x10 *
2x10 **
8x20 *
1.2x50 **
10x160 *
10x160 **
10x560 *
10x560 **
5x320 *
9x720 **
10x360 *
10x360 **
10x1000 *
10x1000 **
5x310 *
10x700 **
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
20
150
150
90
50
75
75
45
75
20
500
C
50
500
400
200
150
200
175
100
200
50
500
(T/R)
(G)
Cathode


Similar Part No. - P0641SAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641SAL LITTELFUSE-P0641SAL Datasheet
843Kb / 52P
   gas plasma arresters-package dimensions/specifications
P0641SALRP LITTELFUSE-P0641SALRP Datasheet
135Kb / 4P
   The series provides single line protection using a fixed voltage switching device
More results

Similar Description - P0641SAL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0641SCRP LITTELFUSE-P0641SCRP Datasheet
123Kb / 2P
   Fixed Voltage SLIC Protector
B1100C_L LITTELFUSE-B1100C_L Datasheet
153Kb / 3P
   SLIC Protector
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
SPD51725QS WILLSEMI-SPD51725QS Datasheet
973Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP6NTP2C BOURNS-TISP6NTP2C Datasheet
274Kb / 9P
   High Voltage Ringing SLIC Protector
logo
Will Semiconductor Ltd.
SPD61089 WILLSEMI-SPD61089 Datasheet
704Kb / 5P
   High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP61089B BOURNS-TISP61089B Datasheet
1Mb / 20P
   High Voltage Ringing SLIC Protector
TISP6NTP2C BOURNS-TISP6NTP2C_07 Datasheet
245Kb / 7P
   TISP6NTP2C High Voltage Ringing SLIC Protector
logo
HuaXinAn Electronics CO...
P61089B HUAXINAN-P61089B Datasheet
447Kb / 4P
   P61089B High Voltage Ringing SLIC Protector
logo
Littelfuse
P0641U_L LITTELFUSE-P0641U_L Datasheet
159Kb / 3P
   Multiport SLIC Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com