Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM-8100WG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPM-8100WG
Description  3.3V / 850 nm / 4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPM-8100WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPM-8100WG Datasheet HTML 1Page - Optoway Technology Inc SPM-8100WG Datasheet HTML 2Page - Optoway Technology Inc SPM-8100WG Datasheet HTML 3Page - Optoway Technology Inc SPM-8100WG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
SPM-8100WG
**********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
6/1/2006 V2.0
1
SPM-8100WG
(RoHS Compliant)
3.3V / 850 nm / 4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
*********************************************************************************************************************************************************************
FEATURES
l Up to 4.25 Gb/s Bi-directional Data Link
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l SFF-8472 Digital Diagnostic Function
l Link Distance at 4.25 Gbd
150 m links with 50/125
µm MMF Cables
70 m links with 62.5/125
µm MMF Cables
l Link Distance at 2.125 Gbd
300 m links with 50/125
µm MMF Cables
150 m links with 62.5/125
µm MMF Cables
l Link Distance at 1.063 Gbd
500 m links with 50/125
µm MMF Cables
300 m links with 62.5/125
µm MMF Cables
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l -10 to 85oC Operation
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l Tri-Rate 4.25/2.125/1.063 Gb/s Fiber Channel
l 1.25 Gb/s 1000BASE-SX Ethernet
DESCRIPTION
The SPM-8100WG series multi-mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as 4X / 2X / 1X Fibrel
Channel and Gigabit Ethernet 1000BASE-SX. It is with the
SFP 20-pin connector to allow hot plug capability. Digital
diagnostic functions are available via an I
2C series bus
specified in the SFP MSA SFF-8472. This module is
designed for multi-mode fiber and operates at a nominal
wavelength of 850 nm. The transmitter section uses a
Vertical Cavity Surface Emitted Laser (VCSEL) and is a
Class 1 laser compliant according to International Safety
Standard IEC 60825. The receiver section uses an
integrated GaAs detector preamplifier (IDP) mounted in an
optical header and a limiting post-amplifier IC.
LASER SAFETY
This multi-mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
FC
Distance
(m)
Wavelength
(nm)
Package
Case
Temp.
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPM-8100WG
4 / 2 / 1
400/200/100
150/300/500
850
LC SFP with DMI
-10 to 85
-2.5 to -9
-15/-17/-18
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Case Operating Temperature
Topr
-10
85
oC
Air flow 1m/sec
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Case Operating Temperature
Topr
-10
85
oC
Power Supply Current
ICC (TX+RX)
180
240
mA
Data Rate
1062
4250
Mb/s


Similar Part No. - SPM-8100WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-8100WG OPTOWAY-SPM-8100WG Datasheet
156Kb / 5P
   4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-8100WG OPTOWAY-SPM-8100WG_15 Datasheet
156Kb / 5P
   4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-8100WG_2015 OPTOWAY-SPM-8100WG_2015 Datasheet
156Kb / 5P
   4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
More results

Similar Description - SPM-8100WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRML-8100BWG OPTOWAY-TRML-8100BWG Datasheet
123Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic SFF LC MULTI-MODE TRANSCEIVER
TRML-8100WG OPTOWAY-TRML-8100WG Datasheet
123Kb / 4P
   3.3V / 850 nm / 4.25 Gbps Digital Diagnostic SFF LC MULTI-MODE TRANSCEIVER
SPM-8100WG OPTOWAY-SPM-8100WG_15 Datasheet
156Kb / 5P
   4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-8100WG_2015 OPTOWAY-SPM-8100WG_2015 Datasheet
156Kb / 5P
   4.25 Gbps Digital Diagnostic Digital Diagnostic SFP LC Multi-Mode TRANSCEIVER
SPM-8101WG OPTOWAY-SPM-8101WG Datasheet
221Kb / 5P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC MULTI-MODE SFP TRANSCEIVER
SPM-9100FWG OPTOWAY-SPM-9100FWG_08 Datasheet
148Kb / 5P
   3.3V / 850 nm / 2.125 Gbps Digital Diagnostic SFP LC MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7100WG OPTOWAY-SPM-7100WG Datasheet
149Kb / 4P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-7101WG OPTOWAY-SPM-7101WG_08 Datasheet
147Kb / 5P
   3.3V / 850 nm / 1.25 Gbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com