Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEHC49H3550DO3016 Datasheet(PDF) 1 Page - TEMEX

Part # QEHC49H3550DO3016
Description  HC49U Crystal - Through Hole packaged
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49H3550DO3016 Datasheet(HTML) 1 Page - TEMEX

  QEHC49H3550DO3016 Datasheet HTML 1Page - TEMEX QEHC49H3550DO3016 Datasheet HTML 2Page - TEMEX QEHC49H3550DO3016 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FREQUENCY
QEHC49U
HC49 Crystal – Through Hole packaged
Specification (Rev-D)
Electrical Characteristics ......................................................P01
ESR vs. frequency range and Mode of vibration ..................P01
Mechanical Characteristics ...................................................P01
Ordering Information .............................................................P02
Radial taping specification ....................................................P02


Similar Part No. - QEHC49H3550DO3016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3550DO3016 TEMEX-QEHC49H3550DO3016 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
QEHC49H3550DO3016 TEMEX-QEHC49H3550DO3016 Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
QEHC49H3550DO3016 TEMEX-QEHC49H3550DO3016 Datasheet
463Kb / 4P
   SMD 3.2x2.5 Crystal -Ceramic SMD packaged
More results

Similar Description - QEHC49H3550DO3016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3 TEMEX-QEHC49H3 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
QEUM5 TEMEX-QEUM5 Datasheet
450Kb / 3P
   UM5 Crystal - Through Hole & Gull Wing SMD packaged
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
logo
Kingtronics Internation...
QKT-HC49U KINGTRONICS-QKT-HC49U Datasheet
319Kb / 1P
   QKT ??HC49U QUARTZ CRYSTAL
logo
TAI-SAW TECHNOLOGY CO.,...
TZ1746A TAI-SAW-TZ1746A Datasheet
298Kb / 4P
   HC49U DIP 2.4576MHz Crystal Unit
REV. NO.: 3.0
TZ1981A TAI-SAW-TZ1981A Datasheet
296Kb / 4P
   HC49U DIP 16MHz Crystal Unit
REV. NO.: 1.0
TZ2430A TAI-SAW-TZ2430A Datasheet
71Kb / 5P
   HC49U DIP 1.8432MHz Crystal Unit
REV. NO.: 2.0
logo
QUARTZCOM the communica...
UM-1SLIM QUARTZCOM-UM-1SLIM Datasheet
89Kb / 1P
   Metal packaged through hole Crystal Wide frequency range: 8 to 250 MHz
logo
NIHON DEMPA KOGYO
NP5032SB NDK-NP5032SB_18 Datasheet
606Kb / 1P
   Simple Packaged Crystal Oscillator
7311S-DF NDK-7311S-DF Datasheet
90Kb / 1P
   Simple Packaged Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com