Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54200IRUZ-T Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL54200IRUZ-T
Description  USB 2.0 High/Full Speed Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54200IRUZ-T Datasheet(HTML) 4 Page - Intersil Corporation

  ISL54200IRUZ-T Datasheet HTML 1Page - Intersil Corporation ISL54200IRUZ-T Datasheet HTML 2Page - Intersil Corporation ISL54200IRUZ-T Datasheet HTML 3Page - Intersil Corporation ISL54200IRUZ-T Datasheet HTML 4Page - Intersil Corporation ISL54200IRUZ-T Datasheet HTML 5Page - Intersil Corporation ISL54200IRUZ-T Datasheet HTML 6Page - Intersil Corporation ISL54200IRUZ-T Datasheet HTML 7Page - Intersil Corporation ISL54200IRUZ-T Datasheet HTML 8Page - Intersil Corporation ISL54200IRUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
FN6408.1
July 11, 2007
OFF Leakage Current, IHSD2(OFF)
or IHSD1(OFF)
VDD = 3.6V, IN = 0V, EN = 0 and 3.6V, VCOMD1 or
VCOMD2 = 3V, 0.3V, VHSD2 or VHSD1 = 0.3V, 3V
+25
-20
2
20
nA
Full
-70
-
70
nA
ON Leakage Current, IHSD2(ON) or
IHSD1(ON)
VDD = 3.6V, IN = 3.6V, EN = 3.6V, VCOMD1 or
VCOMD2 = 0.3V, 3.0V, VHSD2 or VHSD1 = 0.3V, 3.0V
+25
-20
2
20
nA
Full
-70
-
70
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VDD = 3.3V, RL = 45Ω, CL = 10pF, (See Figure 1)
+25
-
25
-
ns
Turn-OFF Time, tOFF
VDD = 3.3V, RL = 45Ω, CL = 10pF, (See Figure 1)
+25
-
15
-
ns
Break-Before-Make Time Delay, tD VDD = 3.3V, RL = 45Ω, CL = 10pF, (See Figure 2)
+25
-7
-
ns
Skew, tSKEW
(HSx Switch)
VDD = 3.3V, IN = 3.3V, EN = 3.3V, RL = 45Ω, CL = 10pF,
tR = tF = 720ps at 480Mbps, (Duty Cycle = 50%)
(See Figure 7)
+25
-
50
-
ps
Total Jitter, tJ
(HSx Switch)
VDD =3.3V, IN = 3.3V, EN = 3.3V, RL = 45Ω, CL = 10pF,
tR = tF = 720ps at 480Mbps
+25
-
210
-
ps
Propagation Delay, tPD
(HSx Switch)
VDD = 3.3V, IN = 3.3V, EN = 3.3V, RL = 45Ω, CL = 10pF,
(See Figure 7)
+25
-
250
-
ps
Skew, tSKEW
(FSx Switch)
VDD = 3.3V, IN = 0V, EN = 3.3V, RL = 39Ω, CL = 50pF,
tR = tF = 12ns at 12Mbps, (Duty Cycle = 50%)
(See Figure 7)
+25
-
0.15
-
ns
Rise/Fall Time Mismatch, tM
(FSx Switch)
VDD = 3.3V, IN = 0V, EN = 3.3V, RL = 39Ω, CL = 50pF,
tR = tF = 12ns at 12Mbps, (Duty Cycle = 50%)
+25
-
10
-
%
Total Jitter, tJ
(FSx Switch)
VDD = 3.3V, IN = 0V, EN = 3.3V, RL = 39Ω, CL = 50pF,
tR = tF = 12ns at 12Mbps
+25
-
1.6
-
ns
Propagation Delay, tPD
(FSx Switch)
VDD = 3.3V, IN = 0V, EN = 3.3V, RL = 39Ω, CL = 50pF,
(See Figure 7)
+25
-
0.9
-
ns
Crosstalk
VDD = 3.3V, RL = 45Ω, f = 1MHz
(See Figure 6)
+25
-
-70
-
dB
Off Isolation
VDD = 3.3V, RL = 45Ω, f = 100kHz
+25
-
-98
-
dB
FSx Switch -3dB Bandwidth
Signal = -10dBm, 1.0VDC offset, RL = 45Ω, CL = 5pF
+25
-
550
-
MHz
HSx Switch -3dB Bandwidth
Signal = -10dBm, 0.2VDC offset, RL = 45Ω, CL = 5pF
+25
-
880
-
MHz
HSx OFF Capacitance, CHSxOFF
f = 1MHz, VDD = 3.3V, IN = 0V, EN = 3.3V, VHSD1 or
VHSD2 = VCOMx = 0V, (See Figure 5)
+25
-
6
-
pF
FSx OFF Capacitance, CFSxOFF
f = 1MHz, VDD = 3.3V, IN = 3.3V, EN = 3.3V, VFSD1 or
VFSD2 = VCOMx = 0V, (See Figure 5)
+25
-
9
-
pF
COM ON Capacitance, CCOMX(ON) f = 1MHz, VDD = 3.3V, IN = 3.3V, EN = 3.3V, VHSD1 or
VHSD2 = VCOMx = 0V, (See Figure 5)
+25
-
12
-
pF
COM ON Capacitance, CCOMX(ON) f = 1MHz, VDD = 3.3V, IN = 0V, EN = 3.3V, VFSD1 or
VFSD2 = VCOMx = 0V, (See Figure 5)
+25
-
15
-
pF
POWER SUPPLY CHARACTERISTICS
Power Supply Range, VDD
Full
2.7
-
5.5
V
Positive Supply Current, IDD
VDD = 3.6V, IN = 0V or 3.6V, EN = 0V or 3.6V
+25
-
20
60
nA
Full
-
-
80
nA
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.3V, GND = 0V, VINH = 1.4V, VINL = 0.5V, VENH = 1.4V,
VENL = 0.5V, (Note 4), Unless Otherwise Specified. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 5, 6)
TYP
MAX
(Notes 5, 6) UNITS
ISL54200


Similar Part No. - ISL54200IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54200IRUZ-T INTERSIL-ISL54200IRUZ-T Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200IRUZ-T RENESAS-ISL54200IRUZ-T Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
More results

Similar Description - ISL54200IRUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54200 INTERSIL-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL54200 RENESAS-ISL54200 Datasheet
1Mb / 18P
   USB 2.0 High/Full Speed Multiplexer
logo
Intersil Corporation
ISL76120 INTERSIL-ISL76120 Datasheet
1Mb / 13P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
Renesas Technology Corp
ISL76120 RENESAS-ISL76120 Datasheet
1Mb / 15P
   Automotive Grade USB 2.0 High/Full Speed Multiplexer
logo
List of Unclassifed Man...
TX25 ETC2-TX25 Datasheet
640Kb / 10P
   High-Speed USB 2.0 OTG, Full-Speed USB 2.0 Host
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com