Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-5140BWG Datasheet(PDF) 3 Page - Optoway Technology Inc

Part # SPS-5140BWG
Description  3.3V / 1310 nm / 622 Mbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-5140BWG Datasheet(HTML) 3 Page - Optoway Technology Inc

  SPS-5140BWG Datasheet HTML 1Page - Optoway Technology Inc SPS-5140BWG Datasheet HTML 2Page - Optoway Technology Inc SPS-5140BWG Datasheet HTML 3Page - Optoway Technology Inc SPS-5140BWG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Optoway
SPS-5140WG
**********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V3.0
3
CONNECTION DIAGRAM
PIN
Signal Name
Description
PIN
Signal Name
Description
1
TX GND
Transmitter Ground
11
RX GND
Receiver Ground
2
TX Fault
Transmitter Fault Indication
12
RX DATA OUT-
Inverse Receiver Data Out
3
TX Disable
Transmitter Disable (Module disables
on high or open)
13
RX DATA OUT+ Receiver Data Out
4
MOD-DFE2
Modulation Definition 2 – Two wires
serial ID Interface
14
RX GND
Receiver Ground
5
MOD-DEF1
Modulation Definition 1 – Two wires
serial ID Interface
15
Vcc RX
Receiver Power – 3.3V±5%
6
MOD-DEF0
Modulation Definition 0 – Ground in
Module
16
Vcc TX
Transmitter Power – 3.3V±5%
7
N/C
Not Connected
17
TX GND
Transmitter Ground
8
LOS
Loss of Signal
18
TX DATA IN+
Transmitter Data In
9
RX GND
Receiver Ground
19
TX DATA IN-
Inverse Transmitter Data In
10
RX GND
Receiver Ground
20
TX GND
Transmitter Ground
Module Definition
Module Definition
MOD-DEF2
PIN 4
MOD-DEF1
PIN 5
MOD-DEF0
PIN 6
Interpretation by Host
4
SDA
SCL
LV-TTL Low
Serial module definition
protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD-DEF(1:2) appear as no connector
(NC) and MOD-DEF(0) is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the
2-wire serial CMOS E
2PROM protocol of the ATMEL AT24C01A/02/04 family of components.


Similar Part No. - SPS-5140BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5140BWG OPTOWAY-SPS-5140BWG Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-5140BWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5120WG OPTOWAY-SPS-5120WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5120WG OPTOWAY-SPS-5120WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140WG OPTOWAY-SPS-5140WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPM-5101WG OPTOWAY-SPM-5101WG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-5101WG OPTOWAY-SPM-5101WG_08 Datasheet
148Kb / 5P
   3.3V / 1310 nm / 622 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5120G OPTOWAY-SPS-5120G_08 Datasheet
147Kb / 5P
   3.3V / 1310 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5120G OPTOWAY-SPS-5120G Datasheet
149Kb / 4P
   3.3V / 1310 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5140G OPTOWAY-SPS-5140G Datasheet
149Kb / 4P
   3.3V / 1310 nm / 622 Mbps SFP LC SINGLE-MODE TRANSCEIVER
SPS-5380WG OPTOWAY-SPS-5380WG Datasheet
149Kb / 4P
   3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com