Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEHC49H3150JQ3016 Datasheet(PDF) 3 Page - TEMEX

Part # QEHC49H3150JQ3016
Description  HC49/S Crystal - Through Hole packaged
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEHC49H3150JQ3016 Datasheet(HTML) 3 Page - TEMEX

  QEHC49H3150JQ3016 Datasheet HTML 1Page - TEMEX QEHC49H3150JQ3016 Datasheet HTML 2Page - TEMEX QEHC49H3150JQ3016 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
QEHC49H3
HC49/S Crystal – Through Hole packaged
Specification (rev-D)
June 29
th, 2006
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Ordering Information
Radial taping specification
Part numbering system
QEHC49H3
1
30
HQ
50
16
25.000MHZ
Package type
Vibration
mode
Frequency
tolerance
Operating
temperature
range
Frequency
stability
Load
Capacitance
Nominal
Frequency
(MHz)
QEHC49H3 :
HC49/S Through
Hole packaged
1 = Fundamental
3 = 3
rd Overtone
5 = 5
th Overone
10=
±10ppm
30=
±30ppm
50=
±30ppm
D=-40°C
F= -30°C
H=-20°C
J=-10°C
L=0°C
M=+50°C
N=+55°C
O=+60°C
Q=+70°C
T=+85°C
10=
±10ppm
30=
±20ppm
50=
±30ppm
16=16pF
Please, enter the
value of load
capacitance
Please enter the
nominal
frequency
Item
Symbol
Dimensions
Product size
A1 x A
11.05x13.46 max
Product thickness
T
4.65 max
Feed hole location
P1
3.81
±0.7
Feed hole pitch
P0
12.7
±0.3
Lead span
F
5.0
±0.5
Tape width
X
18.0
±1.0
Cover tape width
W0
12.7
±1.0
Tolerance of leading hole
W1
9.0
±0.5
Masking tape location
H
20.0
±0.5
Feed hole diameter
D0
4.0
±0.2
Tape thickness
t
0.6
±0.2


Similar Part No. - QEHC49H3150JQ3016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEHC49H3150JQ3016 TEMEX-QEHC49H3150JQ3016 Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
QEHC49H3150JQ3016 TEMEX-QEHC49H3150JQ3016 Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
QEHC49H3150JQ3016 TEMEX-QEHC49H3150JQ3016 Datasheet
463Kb / 4P
   SMD 3.2x2.5 Crystal -Ceramic SMD packaged
More results

Similar Description - QEHC49H3150JQ3016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QESM49H4 TEMEX-QESM49H4 Datasheet
486Kb / 5P
   HC49 SMD Crystal - SMD packaged
QEHC49-GW TEMEX-QEHC49-GW Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
logo
Transko Electronics, In...
HC49S TRANSKO-HC49S Datasheet
157Kb / 1P
   STANDARD HC49/S THROUGH HOLE CRYSTAL (11.5 x 4.7 x 3.5mm)
REV.3 10-10-19
logo
TEMEX
QEHC49U TEMEX-QEHC49U Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
QEUM5 TEMEX-QEUM5 Datasheet
450Kb / 3P
   UM5 Crystal - Through Hole & Gull Wing SMD packaged
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
logo
Crystek Corporation
CYXX CRYSTEKCRYSTAL-CYXX_15 Datasheet
51Kb / 1P
   Leaded HC49 Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0852A TAI-SAW-TZ0852A Datasheet
246Kb / 3P
   HC49-SMD 30.000MHz Crystal Resonator
REV. NO.: 1.0
logo
Crystek Corporation
CYXX CRYSTEKCRYSTAL-CYXX Datasheet
116Kb / 1P
   Quartz Crystal Leaded HC49 Crystal
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0697A TAI-SAW-TZ0697A Datasheet
257Kb / 4P
   HC49-SMD 10.000MHz Crystal Resonator
REV. NO.: 1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com