Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-5380WG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-5380WG
Description  3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-5380WG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-5380WG Datasheet HTML 1Page - Optoway Technology Inc SPS-5380WG Datasheet HTML 2Page - Optoway Technology Inc SPS-5380WG Datasheet HTML 3Page - Optoway Technology Inc SPS-5380WG Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Optoway
SPS-5380WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2005 V3.0
1
SPS-5380WG / SPS-5380BWG / SPS-5380AWG (RoHS Compliant)
3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
**********************************************************************************************************************************************************************
FEATURES
l Hot-Pluggable SFP Footprint LC Optical Transceiver
l Small Form-Factor Pluggable (SFP) MSA compatible
l Compliant with Long-Reach SONET OC-12 / SDH
STM-4 (L-4.2)
l SFF-8472 Digital Diagnostic Function
l 1550 nm DFB LD Transmitter
l 26 dB Power Budget at Least
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l RoHS Compliant
l 0 to 70oC Operation: SPS-5380WG
l -10 to 85oC Operation: SPS-5380BWG
l -40 to 85oC Operation: SPS-5380AWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l ATM Switches and Routers
l SONET / SDH Switch Infrastructure
l XDSL Applications
l Metro Edge Switching
DESCRIPTION
The SPS-5380WG series single mode transceivers is small
form factor pluggable module for bi-directional serial
optical data communications such as SONET OC-12 / SDH
STM-4 and Fiber Channel. It is with the SFP 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. This module is designed
for single mode fiber and operates at a nominal wavelength
of 1550 nm. The transmitter section
uses
a multiple
quantum well 1550 nm DFB laser and is a class 1 laser
compliant according to International Safety Standard
IEC-60825. The receiver section uses an integrated InGaAs
detector preamplifier (IDP) mounted in an optical header
and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Mb/s)
SONET
/SDH
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
TX Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
SPS-5380WG
622
LR-2/L-4.2
80
1550 DFB LC SFP with DMI
0 to 70
2 to -3
-29
Yes
SPS-5380BWG
622
LR-2/L-4.2
80
1550 DFB LC SFP with DMI
-10 to 85
2 to -3
-29
Yes
SPS-5380AWG
622
LR-2/L-4.2
80
1550 DFB LC SFP with DMI
-40 to 85
2 to -3
-29
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC
SPS-5380WG
SPS-5380BWG
SPS-5380AWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.1
3.3
3.5
V
Operating Case Temperature
Topr
0
-10
-40
70
85
85
oC / SPS-5380WG
oC / SPS-5380BWG
oC / SPS-5380AWG
Power Supply Current
ICC (TX+RX)
200
300
mA
Data Rate
622
Mb/s


Similar Part No. - SPS-5380WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-5380WG OPTOWAY-SPS-5380WG Datasheet
148Kb / 5P
   3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380WG OPTOWAY-SPS-5380WG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380WG OPTOWAY-SPS-5380WG_15 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380WG_2015 OPTOWAY-SPS-5380WG_2015 Datasheet
148Kb / 5P
   622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-5380WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-53160WG OPTOWAY-SPS-53160WG_08 Datasheet
149Kb / 5P
   3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53200WG OPTOWAY-SPS-53200WG Datasheet
148Kb / 5P
   3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380WG OPTOWAY-SPS-5380WG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53160WG OPTOWAY-SPS-53160WG Datasheet
149Kb / 4P
   3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120WG OPTOWAY-SPS-53120WG_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120WG OPTOWAY-SPS-53120WG Datasheet
149Kb / 4P
   3.3V / 1550 nm / 622 Mbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G_08 Datasheet
148Kb / 5P
   3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G_08 Datasheet
147Kb / 5P
   3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-5380G OPTOWAY-SPS-5380G Datasheet
148Kb / 4P
   3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-53120G OPTOWAY-SPS-53120G Datasheet
149Kb / 4P
   3.3V / 1550 nm / 622 Mbps LC SFP SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com