Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1200SCL Datasheet(PDF) 6 Page - Littelfuse

Part # P1200SCL
Description  gas plasma arresters-package dimensions/specifications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1200SCL Datasheet(HTML) 6 Page - Littelfuse

Back Button P1200SCL Datasheet HTML 2Page - Littelfuse P1200SCL Datasheet HTML 3Page - Littelfuse P1200SCL Datasheet HTML 4Page - Littelfuse P1200SCL Datasheet HTML 5Page - Littelfuse P1200SCL Datasheet HTML 6Page - Littelfuse P1200SCL Datasheet HTML 7Page - Littelfuse P1200SCL Datasheet HTML 8Page - Littelfuse P1200SCL Datasheet HTML 9Page - Littelfuse P1200SCL Datasheet HTML 10Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
www.littelfuse.com
9 - 6
© 2006 Littelfuse, Inc. • Telecom Design Guide
*DV3ODVPD$UUHVWHUV³3DFNDJH'LPHQVLRQV6SHFLILFDWLRQV
SL1024A and SL1024BSeries
The SL1024A series device and the SL1024B series device weigh 2.7 grams (0.095
ounces). Body material is ceramic. The electrode base is made of nickel iron alloy, and the
electrode plating material is bright Sn. Each device is marked with an LF logo, voltage, and
date code in red.
0.4
1 ±0.019
(
10.5 ±0.5)
Dimensions are in inches
(and millimeters).
0.3
15 ±0.01
(8 ±0.3)
Standard Core (C)
0.4
1 ±0.019
(
10.5 ±0.5)
0.3
15 ±0.01
(8 ±0.3)
4.4 Leg Pitch (R)
ø 0.039 (
1.0)
0.
173
(4.4)
0.
173
(4.4)
0.
276
(7.0) TYP
0.4
1 ±0.019
(
10.5 ±0.5)
0.3
15 ±0.01
(8 ±0.3)
With Wrap Failsafe (RF/RS)
ø 0.039 (
1.0)
0.
173
(4.4)
0.
173
(4.4)
0.374 MAX
(9.5 MAX)
0.3
15 ±0.008
(8 ±0.
2)
ø 0.039 ±0.008
(
1.0 ±0.2)
0.
276
(7.0) TYP


Similar Part No. - P1200SCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1200SCLRP LITTELFUSE-P1200SCLRP Datasheet
146Kb / 4P
   The series provides a specialized asymmetrical overvoltage protection solution
More results

Similar Description - P1200SCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
Littelfuse
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com