Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEUM5510HO3016 Datasheet(PDF) 3 Page - TEMEX

Part # QEUM5510HO3016
Description  UM5 Crystal - Through Hole & Gull Wing SMD packaged
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEUM5510HO3016 Datasheet(HTML) 3 Page - TEMEX

  QEUM5510HO3016 Datasheet HTML 1Page - TEMEX QEUM5510HO3016 Datasheet HTML 2Page - TEMEX QEUM5510HO3016 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
QEUM5 / QEUM5-GW
UM5 Crystal – Through Hole & Gull Wing SMD packaged
Specification (rev-C)
October 03
rd, 2006
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Ordering Information
QEUM5-GW Tape Drawing
Mechanical conditions
Vibration 10g, 10Hz to 2KHz
according to standard CEI
68-2-63
Shocks
100g, 6ms according to
standard CEI 68-2-27
Marking for QEUM5
Marking for QEUM5-GW
Line 1 VRDxxx (Temex code)
VRSxxx (Temex code)
Line 2 Frequency in MHz
(6 digits)
Frequency in MHz
(6 digits)
Line 3 YYWW – production code YYWW – production code
Part numbering system
QEUM5
1
30
HQ
50
16
25.000MHZ
Package type
Vibration
mode
Frequency
tolerance
Operating
temperature
range
Frequency
stability
Load
Capacitance
Nominal
Frequency
(MHz)
QEUM5 : UM5
Through Hole
packaged
QEUM5-GW : UM5
Gull Wing SMD
packaged
1 = Fundamental
3 = 3
rd Overtone
5 = 5
th Overtone
7 = 7
th Overtone
10=
±10ppm
30=
±30ppm
50=
±30ppm
D=-40°C
F= -30°C
H=-20°C
J=-10°C
L=0°C
M=+50°C
N=+55°C
O=+60°C
Q=+70°C
T=+85°C
10=
±10ppm
30=
±20ppm
50=
±30ppm
16=16pF
Please, enter the
value of load
capacitance
Please enter the
nominal
frequency
Item
Symbol
Dimensions
Pitch of components
P
12
± 0.1
Pitch of sprocket hole
PO
4
± 0.1
Length from hole to
component center
P1
2
± 0.1
Width of carrier tape
W
24
± 0.3
Width of adhesive tape
W1
11.5
± 0.1
Gap of hold down tape
W2
1.75
± 0.1
Diameter of feed hole
DO
Ø 1.5 min
Diameter of sprocket hole
D1
Ø 1.5
± 0.1
Note 1 : Metal Clips are opposed to the
the sprocket holes.
Note 2 : Multiple is 1Kpcs per reel.
Note : QEUM5 & QEUM5-GW are
fully RoHS compliant.


Similar Part No. - QEUM5510HO3016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
More results

Similar Description - QEUM5510HO3016

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEUM1 TEMEX-QEUM1 Datasheet
464Kb / 4P
   UM1 Crystal - Through Hole & Gull Wing SMD packaged
QEHC49-GW TEMEX-QEHC49-GW Datasheet
431Kb / 3P
   HC49 Gull-Wing Crystal - SMD packaged
logo
Suntsu Electronics, Inc...
SWG6J2 SUNTSU-SWG6J2 Datasheet
297Kb / 2P
   Gull-Wing SMT Watch Crystal
SWG622 SUNTSU-SWG622 Datasheet
349Kb / 2P
   Gull-Wing SMT Watch Crystal
logo
TEMEX
QEHC49U TEMEX-QEHC49U Datasheet
448Kb / 3P
   HC49U Crystal - Through Hole packaged
logo
Advanced XTAL Products
AXLE184B AXTAL-AXLE184B Datasheet
119Kb / 4P
   SMD (VC)TCXO in gull wing package
logo
TEMEX
QEHC49H3 TEMEX-QEHC49H3 Datasheet
429Kb / 3P
   HC49/S Crystal - Through Hole packaged
logo
PCA ELECTRONICS INC.
EPA3252-2.5 PCA-EPA3252-2.5 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
EPA3252-XXX PCA-EPA3252-XXX_15 Datasheet
38Kb / 1P
   SMD 28 Pin Gull-Wing Passive Delay Lines
logo
LUMEX INC.
SSL-LXA228IC-TR11 LUMEX-SSL-LXA228IC-TR11 Datasheet
64Kb / 1P
   AXIAL LED, GULL WING LEADS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com