Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16R090B Datasheet(PDF) 5 Page - Littelfuse

Part # 16R090B
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

16R090B Datasheet(HTML) 5 Page - Littelfuse

  16R090B Datasheet HTML 1Page - Littelfuse 16R090B Datasheet HTML 2Page - Littelfuse 16R090B Datasheet HTML 3Page - Littelfuse 16R090B Datasheet HTML 4Page - Littelfuse 16R090B Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
USBR Series
Specifications are subject to change without notice.

Electronics Designers Guide
POLYFUSE® Resettable PTCs
Radial Leaded
Part Numbering System
16 R 090 B P R
PACKAGING STYLE
I
HOLD CURRENT CODE (SEE TABLE BELOW)
TYPE: B=USB
QUANTITY CODE: P=2000 U=500
BLANK: Bulk
R: Tape & Ammo
R: RADIAL
SERIES
VOLTAGE RATING (VDC)
Packaging
I
hold
(A)
I
hold
Code
Voltage
Packaging
Option
Quantity
Quantity &
Packaging Codes
0.75
075
6
Bulk
500
U
Tape and Ammo
2000
PR
1.20
120
6
Bulk
500
U
Tape and Ammo
2000
PR
1.55
155
6
Bulk
500
U
Tape and Ammo
2000
PR
0.90
080
16
Bulk
500
U
Tape and Ammo
2000
PR
1.10
110
16
Bulk
500
U
Tape and Ammo
2000
PR
1.35
135
16
Bulk
500
U
Tape and Ammo
2000
PR
1.60
160
16
Bulk
500
U
Tape and Ammo
2000
PR
1.85
185
16
Bulk
500
U
Tape and Ammo
2000
PR
2.50
250
16
Bulk
500
U
Tape and Ammo
2000
PR


Similar Part No. - 16R090B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16R LITTELFUSE-16R Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
16R1000G LITTELFUSE-16R1000G Datasheet
148Kb / 6P
   POLYFUSE Resettable PTCs
16R1000G LITTELFUSE-16R1000G Datasheet
225Kb / 6P
   100A short circuit rating 15V Operating voltages Fast time-to-trip
16R1000G LITTELFUSE-16R1000G Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
16R1000G LITTELFUSE-16R1000G Datasheet
781Kb / 6P
   Littelfuse 16R Series Radial Leaded PTCs are designed to provide resettable overcurrent protection serving a wide range of electronics applications
More results

Similar Description - 16R090B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com