Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZR36057 Datasheet(PDF) 11 Page - Zoran Corporation

Part # ZR36057
Description  ENHANCED PCI BUS MULTIMEDIA CONTROLLER
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

ZR36057 Datasheet(HTML) 11 Page - Zoran Corporation

Back Button ZR36057 Datasheet HTML 7Page - Zoran Corporation ZR36057 Datasheet HTML 8Page - Zoran Corporation ZR36057 Datasheet HTML 9Page - Zoran Corporation ZR36057 Datasheet HTML 10Page - Zoran Corporation ZR36057 Datasheet HTML 11Page - Zoran Corporation ZR36057 Datasheet HTML 12Page - Zoran Corporation ZR36057 Datasheet HTML 13Page - Zoran Corporation ZR36057 Datasheet HTML 14Page - Zoran Corporation ZR36057 Datasheet HTML 15Page - Zoran Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
11
Enhanced PCI Bus Multimedia Controller
the extended 24-bit video bus and the synchronization signals in
order to drive the pixels to the ZR36016 or get them from it, as
appropriate.
The following four subsections detail the four basic functions of
the Video Interface:
• Sampling the incoming video.
• Generating the synchronization signals.
• Pixel transfer in Still Image Compression.
• Pixel transfer in Still Image Decompression.
5.2.1 Sampling The Incoming Video
The ZR36057’s Video Front End (VFE) interfaces to a standard
YUV 4:2:2 video bus. It samples the Y7..0, UV7..0, HSYNC and
VSYNC with every other positive edge of VCLKx2. The valid
positive edge (out of every two consecutive ones), which is the
one used for sampling, is “marked” by VCLK, i.e., VCLK is used
as a clock qualifier. The qualifying polarity of VCLK is configured
by the host. This scheme makes the ZR36057 compatible with a
wide range of digital video sources and immune to board-level
parasitic delays. VCLKx2 (positive edges) is used internally in
the video processing pipeline.
The VFE generates a field indication signal targeted to some
internal video processing units. There are two alternative ways
of generating the field indication. With devices that output a field
indication, the VFE uses the FI input as an indicator of the
current field identity. The interpretation of the logical level of FI
(top or bottom field) is configured by the host. With devices that
do not provide such an indication, the VFE infers the field identity
from the relationship of HSYNC to VSYNC.
The VFE can capture square pixel and CCIR-601 formats, or
user defined formats, within the limitation of its parameters. The
maximum theoretical total input resolution is 1023 pixels/line x
1023 lines per frame. Cropping of the input image is possible by
proper configuration of the VFE parameters.
Table 1 lists the Video Front End parameters. The host software
needs to configure these parameters according to the timing
parameters of the video source (e.g., SAA7110, SAA7111,
ZR36100, etc.) and the required cropping. Note that these
parameters relate to the input video, and not to the destination
video window.
5.2.2 Synchronization Signal Generation
The ZR36057 supports internal generation of the video synchro-
nization signals. In this mode the ZR36057 generates and drives
VSYNC and HSYNC signals.Using software programmable
parameters, the ZR36057 can generate various video synchro-
nization signal formats.
Table 3 lists the sync signal parameters. The host software con-
figures those parameters according the mode of operation and
the video peripheral devices used.
The polarity of the sync signals is determined by the VSPol and
HSPol parameters (Table 2)
Table 2: Synchronization Signal Parameters
Table 1: Video Front-End Parameters
Parameter
Description
VStart
Number of lines (HSYNCs) from the active edge (pos-
itive or negative, according to VSPol) of VSYNC to the
first line to be sampled.
HStart
Number of pixel clocks in a line from the active edge of
HSYNC until the first pixel to be sampled.
VEnd
Number of lines (HSYNCs) from the active edge (pos-
itive or negative, according to VSPol) of VSYNC to the
last line to be sampled.
HEnd
Number of pixel clocks in a line from the active edge of
HSYNC until the last pixel to be sampled.
ExtFI
This one bit parameter indicates whether the video
source provides a field indication signal.
HSPol
The HSYNC polarity. HStart and HEnd are counted
from the active edge of HSYNC. ‘1’ means that HStart,
HEnd will be counted from the negative edge of
HSYNC.
VSPol
The VSYNC polarity. VSstart and VEnd are counted
from the active edge of VSYNC. ‘1’ means that VStart,
VEnd will be counted from the negative edge of
VSYNC.
TopField
Top Field Interpretation. If field indication is derived
from the FI input signal (see ExtFI), TopField indicates
the interpretation of the FI signal:
TopField=‘1’ - FI high indicates the top field (default
value).
TopField=‘0’ - FI low indicates the top field.
If field indication is derived internally from HSYNC and
VSYNC, TopField indicates the interpretation of the
level of HSYNC as sampled by the active edge of
VSYNC:
TopField=‘1’ - HSYNC high indicates the top field
(default value).
TopField=‘0’ - HSYNC low indicates the top field.
VCLKPol
Polarity of VCLK as a data qualifier. If VCLKPol=1 the
video input is sampled with those positive edges of
VCLKx2 that correspond to VCLK=1. If VCLKPol=0,
the video input is sampled by those positive edges of
VCLKx2 that correspond to VCLK=0.
Parameter
Meaning
FrmTot
Total number of lines per frame
(e.g., in NTSC: 525)
LineTot
Total number of pixel clocks per line
(e.g., in CCIR NTSC: 858)
VsyncSize
The length of the VSYNC signal, measured in
lines.
Hsync Start
The point in the scan line at which the HSYNC
signal should be asserted.
Table 1: Video Front-End Parameters
Parameter
Description


Similar Part No. - ZR36057

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZR36050 ETC-ZR36050 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
ZR36050PQC-21 ETC-ZR36050PQC-21 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
ZR36050PQC-27 ETC-ZR36050PQC-27 Datasheet
262Kb / 52P
   JPEG IMAGE COMPRESSION PROCESSOR
More results

Similar Description - ZR36057

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
S5335 AMCC-S5335 Datasheet
2Mb / 189P
   PCI Bus Controller, 3.3V
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
   Enhanced SCSI Bus Controller
logo
NXP Semiconductors
SAA7145 PHILIPS-SAA7145 Datasheet
438Kb / 50P
   PCI Multimedia Bridge
November 30, 1995
logo
Linear Technology
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643H LINER-LTC1643H_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com