Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V18MLN40805 Datasheet(PDF) 1 Page - Littelfuse

Part # V18MLN40805
Description  MLN SurgeArray??Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V18MLN40805 Datasheet(HTML) 1 Page - Littelfuse

  V18MLN40805 Datasheet HTML 1Page - Littelfuse V18MLN40805 Datasheet HTML 2Page - Littelfuse V18MLN40805 Datasheet HTML 3Page - Littelfuse V18MLN40805 Datasheet HTML 4Page - Littelfuse V18MLN40805 Datasheet HTML 5Page - Littelfuse V18MLN40805 Datasheet HTML 6Page - Littelfuse V18MLN40805 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
180
www .littelfuse .com
Multiline Transient Voltage Surge Suppressor
MLN SurgeArraySuppressor
The MLN SurgeArraySuppressor is designed to help protect compo-
nents from transient voltages that exist at the circuit board level. This
device provides four independent suppressors in a single leadless chip
in order to reduce part count and placement time as well as save space
on printed circuit boards.
SurgeArraydevices are intended to suppress ESD, EFT and other
transients in order to protect integrated circuits or other sensitive
components operating at any voltage up to 18VDC. SurgeArray devices
are rated to the IEC 61000-4-2 human body model ESD to help products
attain EMC compliance. The array offers excellent isolation and low
crosstalk between sections.
The inherent capacitance of the SurgeArray Suppressor permits it to
function as a filter/suppressor, thereby replacing separate zener/
capacitor combinations.
The MLN array is manufactured using the Littelfuse Multilayer technology
process and is similar to the Littelfuse ML and MLE Series of discrete
leadless chips.
The MLN can also be provided in a Dual version. Contact Littelfuse
for information.
Features
• RoHS Compliant
• Four Individual Devices in One Chip
• ESD Rated to IEC 61000-4-2 (Level 4)
• AC Characterized for Impedance and Capacitance
• Low Adjacent Channel Crosstalk, -55dB at 10MHz (Typ)
• Low Leakage
• Operating Voltage up to 18VM(DC)
• -55oC to 125oC Operating Temperature Range
• Low-Profile, PCMCIA Compatible
Applications
• Data, Diagnostic I/O Ports
• Analog Signal/Sensor Lines
• Portable/Hand-Held Products
• Mobile Communications/Cellular Phones
• Computer/DSP Products
• Industrial Instruments Including Medical
RoHS
Size
Metric
EIA
2012
0805
3216
1206


Similar Part No. - V18MLN40805

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V18MLN41206 LITTELFUSE-V18MLN41206 Datasheet
170Kb / 7P
   Multiline Transient Voltage Surge Suppressor
V18MLN41206 LITTELFUSE-V18MLN41206 Datasheet
587Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) > MLN Series
V18MLN41206 LITTELFUSE-V18MLN41206 Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
V18MLN41206L LITTELFUSE-V18MLN41206L Datasheet
170Kb / 7P
   Multiline Transient Voltage Surge Suppressor
V18MLN41206L LITTELFUSE-V18MLN41206L Datasheet
587Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) > MLN Series
More results

Similar Description - V18MLN40805

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLN41206 LITTELFUSE-V5.5MLN41206 Datasheet
587Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) > MLN Series
V9MLN41206WH LITTELFUSE-V9MLN41206WH Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
logo
Ferroxcube Internationa...
F05_2011 FERROXCUBE-F05_2011 Datasheet
303Kb / 3P
   Multilayers (MLH, MLN, MLP, MLI) manufacturing location and 12NC change
logo
Panasonic Semiconductor
EZA-EG2A50AX PANASONIC-EZA-EG2A50AX Datasheet
94Kb / 2P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA2-TR2 EATON-0603ESDA2-TR2 Datasheet
494Kb / 3P
   ESD suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE1005A015FR ICT-ULCE1005A015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
List of Unclassifed Man...
158X ETC2-158X Datasheet
254Kb / 1P
   Suppressor Capacitors
logo
Solid States Devices, I...
T00003 SSDI-T00003_15 Datasheet
148Kb / 2P
   VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
DILM12-XSPR240 ETC2-DILM12-XSPR240 Datasheet
140Kb / 2P
   RC-suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
   ESD Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com