Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2500SCMCL Datasheet(PDF) 5 Page - Littelfuse

Part # P2500SCMCL
Description  gas plasma arresters-package dimensions/specifications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P2500SCMCL Datasheet(HTML) 5 Page - Littelfuse

  P2500SCMCL Datasheet HTML 1Page - Littelfuse P2500SCMCL Datasheet HTML 2Page - Littelfuse P2500SCMCL Datasheet HTML 3Page - Littelfuse P2500SCMCL Datasheet HTML 4Page - Littelfuse P2500SCMCL Datasheet HTML 5Page - Littelfuse P2500SCMCL Datasheet HTML 6Page - Littelfuse P2500SCMCL Datasheet HTML 7Page - Littelfuse P2500SCMCL Datasheet HTML 8Page - Littelfuse P2500SCMCL Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
*DV3ODVPD $UUHVWHUV³3DFNDJH 'LPHQVLRQV6SHFLILFDWLRQV
Telecom Design Guide • © 2006 Littelfuse, Inc.
9 - 5
www.littelfuse.com
SL1011A and SL1011BSeries
The SL1011A series device and the SL1011B series device weigh 2.7 grams (0.095
ounces). Body material is ceramic. The electrode base is made of nickel iron alloy, and the
electrode plating material is bright Sn. Each device is marked with an LF logo, voltage, and
date code.
SL1021A and SL1021BSeries
The SL1021A series device weighs 2.7 grams (0.095 ounces). The SL1021B series device
weighs 0.63 grams (0.022 ounces). Body material is ceramic. The electrode base is made
of nickel iron alloy, and the electrode plating material is bright Sn. Each device is marked
with an LF logo, voltage, and date code. The SL1021B series markings are in blue.
0.
236 ±0.007
(6.0 ±0.
2)
2.362 ±0.016
(60 ±0.4)
0.
236 ±0.007
(6.0 ±0.
2)
0.3
15 ±0.007
(8.0 ±0.
2)
Dimensions are in inches
(and millimeters).
SL1011AxxxA
SL1011AxxxC
Dimensions are in millimeters
and tolerance is ±0.
2 mm
(unless otherwise specified).
SL
1021AxxxC
SL
1021BxxxC
SL
1021AxxxR
SL
1021BxxxR
SL
1021AxxxZ
SL
1021BxxxZ
SL
1021AxxxP
SL
1021BxxxP
SL
1021AxxxS
SL
1021BxxxS
SL
1021AxxxY
SL
1021BxxxY
With Failsafe
SL
1021AxxxRF
SL
1021BxxxRF
1.37
1.37
10.7 ±0.2
1.37
8.0 ±0.
15
8.0 ±0.
15
6.4 ±0.
15
6.4 ±0.
15
4.0
8.4 MAX
11.8
4.5
7.5
10.2
4.4 ±0.
15
4.4 ±0.
15
6.0 ±0.
15
6.0 ±0.
15
7.5
4.0
5.5 ±0.
15
5.5 ±0.
15
7.5
4.5
4.75 ±0.
15
4.75 ±0.
15
1.3
7.5
4.5
4.4 ±0.
15
4.4 ±0.
15
1.3
7.5


Similar Part No. - P2500SCMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P2500SCMCL LITTELFUSE-P2500SCMCL Datasheet
153Kb / 3P
   MicroCapacitance (MC) SC SIDACtor짰 Device
P2500SCMCL LITTELFUSE-P2500SCMCL Datasheet
159Kb / 3P
   MicroCapacitance (MC) SC SIDACtor Device
P2500SCMCL LITTELFUSE-P2500SCMCL Datasheet
159Kb / 3P
   MicroCapacitance (MC) SC SIDACtor Device
P2500SCMCL LITTELFUSE-P2500SCMCL Datasheet
159Kb / 3P
   MicroCapacitance (MC) SC SIDACtor Device
More results

Similar Description - P2500SCMCL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
Littelfuse
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com