Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M18SN6LP Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # M18SN6LP
Description  Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M18SN6LP Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  M18SN6LP Datasheet HTML 1Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 2Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 3Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Mounting Brackets
EZ-BEAM M18 Series Sensors
page
7
Banner Engineering Corp. Minneapolis, U.S.A.
Website: http://www.baneng.com • Tel: 888.373.6767
SMB30SK
SMB18SF
SMB18UR
36.0 mm
(1.42")
50.8 mm
(2.00")
42.0 mm
(1.65")
22.9 mm
(0.9")
25.4 mm
(1.00")
10.6 mm
(0.42")
M18 x 1
internal
thread
50.8 mm
(2.0")
66.0 mm
(2.60")
41.7 mm
(1.64")
24.6 mm
(0.97")
20.8 mm
(0.82")
16.0 mm
(0.63 ")
45.2 mm
(1.78")
ø18.3 mm
(0.72")
2.7 mm
(0.10")
2.7 mm
(0.10")
27.2 mm
(1.07")
ø20.3 mm
(0.80")
ø30.5 mm
(1.20")
R2.5 mm
(0.10")
60º
60º
46.7 mm
(1.84")
9.7 mm
(0.38")
71.1 mm
(2.80")
20.3 mm
(0.80")
4X 6.9 mm
(0.27")
20.3 mm
(0.80")
33.8 mm
(1.33")
60º
25.4 mm
(1.00")
25.4 mm
(1.00")
8.1 mm
(0.32")
41.7 mm
(1.64")
20.8 mm
(0.82")
6X #10-32 Thru
ø30.5 mm
(1.20")
63.5 mm
(2.50")
SMB18UR Top
SMB18UR Bottom
• 2-piece universal swivel bracket for 18 mm sensors
• 300 series stainless steel
SMB18A
11-gauge stainless steel
Right-angle bracket with a curved mounting slot
for versatility and orientation
• 18 mm swivel bracket
• Black thermoplastic polyester
SMB18C
18 mm split clamp, black thermoplastic polyester
Stainless steel mounting hardware included
18.5 mm
(0.73")
25.4 mm
(1.00")
41 mm
(1.6")
46 mm
(1.8")
30
°
30 mm
(1.2")
R 24.2 mm
(0.95")
ø 4.6 mm*
(0.18")
4.6 mm*
(0.18")
* Use 4 mm (#8) screws
to mount bracket.
Drill screw holes
24.2 mm (0.95") apart.
Clearance for M4 (#8) hardware
7.6 mm
(0.30")
78.0 mm
(3.07")
50.8 mm
(2.00")
18 mm
Clearance
56.7 mm
(2.31")
Assembled
29.0 mm
(1.14")
68.0 mm
(2.68")
66.5 mm
(2.62")
40.0 mm
(1.60")
42.4 mm
(1.67")
30.0 mm
(1.18")
2.5 mm
(0.10")
21.1 mm
(0.83")
Nut Plate
M5 x 0.8
x 60 mm
Screw (2)
13 mm
(0.5")
14.0 mm
(0.55")
• Flat-mount swivel bracket with extended range of
motion
• Black reinforced thermoplastic polyester and 316
stainless steel


Similar Part No. - M18SN6LP

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
M18-1MG FOTEK-M18-1MG Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-1MG-M12 FOTEK-M18-1MG-M12 Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-1MG-PG FOTEK-M18-1MG-PG Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-2MRE FOTEK-M18-2MRE Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-2MRE-M12 FOTEK-M18-2MRE-M12 Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
More results

Similar Description - M18SN6LP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M18-4 BANNER-M18-4 Datasheet
1Mb / 10P
   M18-4 Stainless Steel 18 mm Barrel Sensor
S18-2 BANNER-S18-2 Datasheet
1Mb / 10P
   S18-2 Plastic 18 mm Barrel Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
HAMLIN Position and Mov...
59060-1-S-01-A HAMLIN-59060-1-S-01-A Datasheet
96Kb / 1P
   Stainless Steel Threaded Barrel Features and Benefits
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
   Compensated stainless steel pressure sensors
logo
Banner Engineering Corp...
M18-3 BANNER-M18-3 Datasheet
1Mb / 10P
   M18-3 Nickel-Plated Brass 18 mm Barrel Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com