Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M18SN6LP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M18SN6LP
Description  Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M18SN6LP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M18SN6LP Datasheet HTML 1Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 2Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 3Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 4Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 5Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 6Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 7Page - List of Unclassifed Manufacturers M18SN6LP Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EZ-BEAM
® M18 Series Sensors
Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
Printed in USA
P/N 49201E9A
M18 Series Opposed-Mode Emitter (E) and Receiver (R)
20 m
(66')
2 m (6.5')
4-Pin Euro-style QD
10-30V dc
1
10
100
1 m
3.3 ft
10 m
33 ft
100 m
330 ft
.1 m
.33 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
M18 Series
Opposed Mode
Models
Range
Cable*
Supply
Voltage
Output
Type
Excess Gain
Beam Width
25 m
82 ft
20 m
66 ft
15 m
49 ft
10 m
32 ft
5 m
16 ft
0
0
500 mm
1000 mm
1500 mm
500 mm
1000 mm
1500 mm
0
20 in
40 in
60 in
20 in
40 in
60 in
DISTANCE
M18 Series
Opposed Mode
* 9 m (30') cables are available by adding suffix “W/30” to the model number of any cabled sensor (e.g., M18SN6R W/30).
A model with a QD connector requires an optional mating cable. See page 6 for more information.
Infrared, 950 nm
EZ-BEAM M18 Series Features
• 18 mm threaded-barrel sensor
• 10 to 30V dc; choose SPDT (complementary) NPN or PNP outputs (150 mA max. ea.)
• Easy to use; no adjustments are necessary
• Advanced self-diagnostics with separate alarm output; dual LED system indicates
sensor performance
• Choice of integral cable or Euro-style quick disconnect connector
• Epoxy-encapsulated circuitry; IEC IP67 (NEMA 6P) construction for harsh sensing
environments
• Brackets available for a wide array of mounting options
† U.S. patent 5087838 (see Specifications, page 5)
EZ-BEAM M18 Series Sensing Mode Options
Opposed
Fixed-Field
Retroreflective
Diffuse
M186E
M186EQ
M18SP6R
M18SP6RQ
M18SN6R
M18SN6RQ
2 m (6.5')
4-Pin Euro-style QD
2 m (6.5')
4-Pin Euro-style QD
PNP
NPN
Effective Beam: 13 mm


Similar Part No. - M18SN6LP

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
M18-1MG FOTEK-M18-1MG Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-1MG-M12 FOTEK-M18-1MG-M12 Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-1MG-PG FOTEK-M18-1MG-PG Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-2MRE FOTEK-M18-2MRE Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-2MRE-M12 FOTEK-M18-2MRE-M12 Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
More results

Similar Description - M18SN6LP

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M18-4 BANNER-M18-4 Datasheet
1Mb / 10P
   M18-4 Stainless Steel 18 mm Barrel Sensor
S18-2 BANNER-S18-2 Datasheet
1Mb / 10P
   S18-2 Plastic 18 mm Barrel Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
HAMLIN Position and Mov...
59060-1-S-01-A HAMLIN-59060-1-S-01-A Datasheet
96Kb / 1P
   Stainless Steel Threaded Barrel Features and Benefits
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
   Compensated stainless steel pressure sensors
logo
Banner Engineering Corp...
M18-3 BANNER-M18-3 Datasheet
1Mb / 10P
   M18-3 Nickel-Plated Brass 18 mm Barrel Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com