Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M18SP6DL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # M18SP6DL
Description  Stainless Steel 18 mm Barrel-style DC Photoelectric Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M18SP6DL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M18SP6DL Datasheet HTML 1Page - List of Unclassifed Manufacturers M18SP6DL Datasheet HTML 2Page - List of Unclassifed Manufacturers M18SP6DL Datasheet HTML 3Page - List of Unclassifed Manufacturers M18SP6DL Datasheet HTML 4Page - List of Unclassifed Manufacturers M18SP6DL Datasheet HTML 5Page - List of Unclassifed Manufacturers M18SP6DL Datasheet HTML 6Page - List of Unclassifed Manufacturers M18SP6DL Datasheet HTML 7Page - List of Unclassifed Manufacturers M18SP6DL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EZ-BEAM M18 Series Sensors
page
3
Banner Engineering Corp. Minneapolis, U.S.A.
Website: http://www.baneng.com • Tel: 888.373.6767
M18 Series Fixed-Field Mode
M18SP6FF100
M18SP6FF100Q
2 m (6.5')
4-Pin Euro-style QD
Models
Cutoff
Point
Cable
Supply
Voltage
Output
Type
Excess Gain
Performance based on 90% reflectance white test card
M18SN6FF100
M18SN6FF100Q
100 mm
(4")
2 m (6.5')
4-Pin Euro-style QD
10-30V dc
NPN
M18SP6FF25
M18SP6FF25Q
With 100 mm Far Limit Cutoff
PNP
2 m (6.5')
4-Pin Euro-style QD
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
M18 Series
Fixed-field mode
with 100 mm far
limit cutoff
M18SN6FF25
M18SN6FF25Q
25 mm
(1")
2 m (6.5')
4-Pin Euro-style QD
10-30V dc
NPN
With 25 mm Far Limit Cutoff
PNP
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
M18 Series
Fixed-field mode
with 25 mm far
limit cutoff
M18SP6FF50
M18SP6FF50Q
2 m (6.5')
4-Pin Euro-style QD
M18SN6FF50
M18SN6FF50Q
50 mm
(2")
2 m (6.5')
4-Pin Euro-style QD
10-30V dc
NPN
With 50 mm Far Limit Cutoff
PNP
1
10
100
1 mm
.04 in
10 mm
.4 in
100 mm
4 in
.1 mm
.004 in
E
X
C
E
S
S
G
A
I
N
DISTANCE
1000
M18 Series
Fixed-field mode
with 50 mm far
limit cutoff
* 9 m (30') cables are available by adding suffix “W/30” to the model number of any cabled sensor (e.g., M18SN6FF25 W/30).
A model with a QD connector requires an optional mating cable. See page 6 for more information.
Infrared, 880 nm
The excess gain curves above show
excess gain vs. sensing distance for M18
Series fixed-field sensors with 25-, 50- and
100-millimeter cutoffs. Maximum excess
gain for the 25-mm models occurs at a
lens-to-object distance of about 7 mm; for
the 50-mm models, at about 10 mm; and
for the 100-mm models, at about 20 mm.
Sensing at or near these distances will
make maximum use of each sensor’s
available sensing power.
Backgrounds and background objects
must always be placed beyond the cutoff
distance.
These excess gain curves were generated
using a white test card of 90% reflectance.
Objects with reflectivity of less than 90%
reflect less light back to the sensor, and
thus require proportionately more excess
gain in order to be sensed with the same
reliability as more reflective objects. When
sensing an object of very low reflectivity, it
may be especially important to sense it at or
near the distance of maximum excess gain.
The effects of object reflectivity on cutoff
distance, though small, may be important
for some applications. Sensing of objects
of less than 90% reflectivity causes the
cutoff distances to be “pulled” slightly
closer to the sensor. For example, an
excess gain of 1 for an object that reflects
1/10 as much light as the 90% white card
is represented by the heavy horizontal
graph line at excess gain = 10. An object
of this reflectivity results in far limit cutoffs
of approximately 20, 40 and 70 mm (for
25-, 50- and 100-mm cutoff models,
respectively).
Objects with reflectivity greater than 90%
return more light to the sensor. For this
reason, highly reflective backgrounds or
background objects such as mirrors, pol-
ished metal, and other sources of specular
reflections require special consideration. If
it is necessary to use a highly reflective
background, it should be placed as far
beyond the cutoff distance as possible and
angled to direct reflected light away from
the sensor (see page 4).


Similar Part No. - M18SP6DL

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
M18-1MG FOTEK-M18-1MG Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-1MG-M12 FOTEK-M18-1MG-M12 Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-1MG-PG FOTEK-M18-1MG-PG Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-2MRE FOTEK-M18-2MRE Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
M18-2MRE-M12 FOTEK-M18-2MRE-M12 Datasheet
1Mb / 2P
   M18 Ultra short tubular type Photo sensor
More results

Similar Description - M18SP6DL

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
M18-4 BANNER-M18-4 Datasheet
1Mb / 10P
   M18-4 Stainless Steel 18 mm Barrel Sensor
S18-2 BANNER-S18-2 Datasheet
1Mb / 10P
   S18-2 Plastic 18 mm Barrel Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
   Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
   Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
   Stainless Steel Pressure Sensors
logo
HAMLIN Position and Mov...
59060-1-S-01-A HAMLIN-59060-1-S-01-A Datasheet
96Kb / 1P
   Stainless Steel Threaded Barrel Features and Benefits
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
   Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
   Compensated stainless steel pressure sensors
logo
Banner Engineering Corp...
M18-3 BANNER-M18-3 Datasheet
1Mb / 10P
   M18-3 Nickel-Plated Brass 18 mm Barrel Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com