Electronic Components Datasheet Search |
|
QEUM5710JT3016 Datasheet(PDF) 3 Page - TEMEX |
|
QEUM5710JT3016 Datasheet(HTML) 3 Page - TEMEX |
3 / 3 page QEUM5 / QEUM5-GW UM5 Crystal – Through Hole & Gull Wing SMD packaged Specification (rev-C) October 03 rd, 2006 2 TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost. Freque ncy Ordering Information QEUM5-GW Tape Drawing Mechanical conditions Vibration 10g, 10Hz to 2KHz according to standard CEI 68-2-63 Shocks 100g, 6ms according to standard CEI 68-2-27 Marking for QEUM5 Marking for QEUM5-GW Line 1 VRDxxx (Temex code) VRSxxx (Temex code) Line 2 Frequency in MHz (6 digits) Frequency in MHz (6 digits) Line 3 YYWW – production code YYWW – production code Part numbering system QEUM5 1 30 HQ 50 16 25.000MHZ Package type Vibration mode Frequency tolerance Operating temperature range Frequency stability Load Capacitance Nominal Frequency (MHz) QEUM5 : UM5 Through Hole packaged QEUM5-GW : UM5 Gull Wing SMD packaged 1 = Fundamental 3 = 3 rd Overtone 5 = 5 th Overtone 7 = 7 th Overtone 10= ±10ppm 30= ±30ppm 50= ±30ppm D=-40°C F= -30°C H=-20°C J=-10°C L=0°C M=+50°C N=+55°C O=+60°C Q=+70°C T=+85°C 10= ±10ppm 30= ±20ppm 50= ±30ppm 16=16pF Please, enter the value of load capacitance Please enter the nominal frequency Item Symbol Dimensions Pitch of components P 12 ± 0.1 Pitch of sprocket hole PO 4 ± 0.1 Length from hole to component center P1 2 ± 0.1 Width of carrier tape W 24 ± 0.3 Width of adhesive tape W1 11.5 ± 0.1 Gap of hold down tape W2 1.75 ± 0.1 Diameter of feed hole DO Ø 1.5 min Diameter of sprocket hole D1 Ø 1.5 ± 0.1 Note 1 : Metal Clips are opposed to the the sprocket holes. Note 2 : Multiple is 1Kpcs per reel. Note : QEUM5 & QEUM5-GW are fully RoHS compliant. |
Similar Part No. - QEUM5710JT3016 |
|
Similar Description - QEUM5710JT3016 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |