Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4756AETE+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4756AETE+T
Description  0.5廓, Quad SPDT Switches in UCSP/QFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4756AETE+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4756AETE+T Datasheet HTML 2Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 3Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 4Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 5Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 6Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 7Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 8Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 9Page - Maxim Integrated Products MAX4756AETE+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
0.5
Ω, Quad SPDT Switches in UCSP/QFN
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(V+ = 3V, TA = +25°C, unless otherwise noted.)
CHARGE INJECTION vs. VCOM
VCOM (V)
4
3
2
1
50
100
150
200
250
0
05
CI = 1nF
V+ = 5V
V+ = 3V
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
3
2
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
16
SUPPLY CURRENT vs. TEMPERATURE
(MAX4754/MAX4755/MAX4756)
TEMPERATURE (
°C)
60
35
10
-15
0.01
0.1
1
10
100
0.001
-40
85
V+ = 5V
V+ = 3.0V
SUPPLY CURRENT vs. TEMPERATURE
(MAX4754A/MAX4756A)
TEMPERATURE (
°C)
60
35
-10
-15
0.01
0.1
1
10
100
0.001
-40
85
V+ = 5.0V
V+ = 3.0V
LOGIC THRESHOLD vs. SUPPLY VOLTAGE
(MAX4754/MAX4755/MAX4756)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0.4
0.8
1.2
1.6
2.0
2.4
0
1.5
5.5
VIH
VIL
LOGIC THRESHOLD vs. SUPPLY VOLTAGE
(MAX4754A/MAX4756A)
SUPPLY VOLTAGE (V)
4.5
3.5
2.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
1.5
5.5
VIH
VII
TURN-ON/OFF TIMES vs. SUPPLY VOLTAGE
(MAX4754/MAX4755/MAX4756)
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
10
20
30
40
50
60
70
0
1.5
5.5
tON
tOFF
TURN-ON/OFF TIMES vs. SUPPLY VOLTAGE
(MAX4754A)
SUPPLY VOLTAGE (V)
1.5
2.5
3.5
4.5
5.5
0
100
200
300
400
500
600
700
800
tON, NC
tOFF, NC
tON, NO
tOFF, NO
TURN-ON/OFF TIMES vs. TEMPERATURE
(MAX4754/MAX4755/MAX4756)
TEMPERATURE (
°C)
60
35
10
-15
10
20
30
40
50
0
-40
85
tON, V+ = 3V
tON, V+ = 5V
tOFF, V+ = 5V
tOFF, V+ = 3V


Similar Part No. - MAX4756AETE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4756EBE-T MAXIM-MAX4756EBE-T Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4756ETE MAXIM-MAX4756ETE Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
More results

Similar Description - MAX4756AETE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4754 MAXIM-MAX4754 Datasheet
271Kb / 13P
   0.5-ohm, QUAD SPDT SWITCHES IN UCSP/QFN
Rev 0; 8/03
MAX4758 MAXIM-MAX4758 Datasheet
343Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
Rev 0; 10/03
MAX4758 MAXIM-MAX4758_V01 Datasheet
506Kb / 15P
   Quad DPDT Audio/Data Switches in UCSP/QFN
2005
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684 MAXIM-MAX4684_V01 Datasheet
1Mb / 10P
   0.5廓/0.8廓 Low-Voltage, Dual SPDTl Analog Switches in UCSP
19-1977; Rev 5; 10/19
MAX4747 MAXIM-MAX4747_06 Datasheet
468Kb / 15P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Rev 2; 12/06
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4699 MAXIM-MAX4699 Datasheet
564Kb / 13P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 0; 8/01
MAX4699 MAXIM-MAX4699_09 Datasheet
216Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 2; 10/09
MAX4699 MAXIM-MAX4699_11 Datasheet
200Kb / 11P
   Low-Voltage, Dual DPDT/Quad SPDT Analog Switches in QFN
Rev 3; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com